Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST3020 Arkusz danych(PDF) 6 Page - Sitronix Technology Co., Ltd.

Numer części ST3020
Szczegółowy opis  Audio Decoder/ Encoder
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SITRONIX [Sitronix Technology Co., Ltd.]
Strona internetowa  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST3020 Arkusz danych(HTML) 6 Page - Sitronix Technology Co., Ltd.

Back Button ST3020 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST3020 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST3020 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST3020 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST3020 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST3020 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST3020 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST3020 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST3020 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ST3020
Preliminary Ver 0.1
Page 6/13
2007/06/20
4
ELECTRICAL CHARACTERISTICS
4.1
Absolute Maximum Rations
DC Supply Voltage: VDD33 -----------
-0.3V to +4.5V
Operating Ambient Temperature ----
-10
°C to +60°C
Storage Temperature ------------------- -10
°C to +125°C
4.2
DC Electrical Characteristics
Table 4-1 DC Electrical Characteristics
Standard operation conditions: VDD33 = 3.3V, GND = 0V, TA = 25°C, unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Operating Voltage
VDD33
3.0
3.6
V
Operating Voltage
VDD25
2.25
2.5
2.7
V
Operating Current
I
OP
1
30
mA
Run at 24MHz without speaker
Power Down Current
IPD
3
4.5
mA
Output driving
Iod
16
mA
Output sinking
Ios
26
mA
Input low voltage
VIL
0.6
V
Input high voltage
VIH
1.3
V
Pull-up resistor
RPU
54
Pull-down resistor
RPD
50
Low Voltage Reset Level
VLVR
2.4
2.5
2.6
V
*Note: Stresses above those listed under “Absolute
Maximum Ratings”may cause permanent damage
to the device. All the ranges are stress ratings only.
Functional operation of this device at these or any
other conditions above those indicated in the
operational sections of this specification is not
implied or intended. Exposed to the absolute
maximum rating conditions for extended periods
may affect device reliability.


Podobny numer części - ST3020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
ST3020 MICROSEMI-ST3020 Datasheet
160Kb / 3P
   Silicon Dual Power Rectifier
logo
Sangdest Microelectroni...
ST30200C SMC-ST30200C Datasheet
105Kb / 5P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST30200C SMCDIODE-ST30200C Datasheet
326Kb / 6P
   SCHOTTKY RECTIFIER
Rev. A
More results

Podobny opis - ST3020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
   Audio Decoder/ Encoder
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
   Audio Decoder/Encoder
ST3011 SITRONIX-ST3011 Datasheet
308Kb / 13P
   Audio Decoder/Encoder
logo
Micronas
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
   Audio Encoder/Decoder
logo
Siemens Semiconductor G...
PSB7280 SIEMENS-PSB7280 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder
PSB7238 SIEMENS-PSB7238 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com