Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS-8830 Arkusz danych(PDF) 3 Page - Agilent(Hewlett-Packard)

Numer części GS-8830
Szczegółowy opis  RF Design Verification Test Systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

GS-8830 Arkusz danych(HTML) 3 Page - Agilent(Hewlett-Packard)

  GS-8830 Datasheet HTML 1Page - Agilent(Hewlett-Packard) GS-8830 Datasheet HTML 2Page - Agilent(Hewlett-Packard) GS-8830 Datasheet HTML 3Page - Agilent(Hewlett-Packard) GS-8830 Datasheet HTML 4Page - Agilent(Hewlett-Packard) GS-8830 Datasheet HTML 5Page - Agilent(Hewlett-Packard) GS-8830 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Hardware Architecture
The GS-8830 base system is
comprised of multiple racks (1.6 m in
height) with integrated test equipment
and test software.
The base or ‘standard’ system
consists of:
8960 Series 10 (E5515C) wireless
communications test set
E4445A spectrum analyzer
E4438C digital signal generator
E8257D microwave generator
66311B power supply
SR5500 fading simulator
N1962A GSM filter module
N1961A RF interface box
E4418B single channel power meter
E9304A (H18) 9KHz-18GHz Power
sensor
Industrial PC
Wireless test manager software
GS-8830 measurement software
GS-883x calibration software
GS-883x data viewer software
Optional ‘add-on’ components
include1:
Plus 1
o
Anite fader adapter unit
o
Anite baseband processor
Plus 2
o
Anite fader adapter unit
o
Two Anite baseband
processors
o
One additional 8960 Series 10
(E5515C) wireless
communications test set
o
Anite CRMP/combiner
o
N8990A-P06 add-on RF test set
1
These add-ons are necessary to perform more
comprehensive performance test requirements
in the 3GPP standard, such as transmit diversity
mode, and multi-cells configuration.
.
N1961A RF Interface
Box
Automated testing is enabled by the
N1961A RF interface box, which
switches the appropriate instruments
to the user equipment (UE) based on a
particular test. It consists of functional
modules such as a common filter
module, reverse power protection
module, fading module, maximize input
level module, and a GSM/GPRS/
W-CDMA/CDMA filter module. Test
procedure automation is achieved with
a combination of the RF interface box,
automated UE control feature, and the
test software.
Figure 1. GS-8830 software GUI overview
Software Architecture
The GS-8830 software is based on the
Agilent wireless test manager (WTM)
platform. GS-8830 software is an
enhanced version of GS-8800 software
and automates RF parametric tests
according to the specified supported
standards. The software’s great value
lies in its functions and features,
which are specially designed to
enhance the user’s R&D design
verification test experience.
The software is also designed with a
user-friendly graphical user interface
(GUI) (see Figure 1). In addition, the
GS-8830 software is able to selectively
perform subtests for a chosen test
step to reduce the time required to
identify root-cause failures.
The GS-8830 software automates test
execution to enable a large number of
test cases to run in a relatively short
time frame.


Podobny numer części - GS-8830

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
GS-8800 KEYSIGHT-GS-8800 Datasheet
2Mb / 9P
   Wireless Communication Design Verification (DV) and Conformance Test (CT) System
More results

Podobny opis - GS-8830

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
GS-8800 KEYSIGHT-GS-8800 Datasheet
2Mb / 9P
   Wireless Communication Design Verification (DV) and Conformance Test (CT) System
T3111S KEYSIGHT-T3111S Datasheet
3Mb / 12P
   NFC Test Systems
logo
Aeroflex Circuit Techno...
STI1000 AEROFLEX-STI1000 Datasheet
209Kb / 4P
   Synthetic Test Systems
logo
Keysight Technologies
T3121S KEYSIGHT-T3121S Datasheet
3Mb / 12P
   NFC Test Systems
logo
Rosenberger Hochfrequen...
05CK050-150 ROSENBERGER-05CK050-150 Datasheet
147Kb / 3P
   Verification Kit
02CK050-150 ROSENBERGER-02CK050-150 Datasheet
664Kb / 3P
   Verification Kit
15K101-40MB1-NM ROSENBERGER-15K101-40MB1-NM Datasheet
235Kb / 4P
   RF TEST SWITCH
15K101-40ME4 ROSENBERGER-15K101-40ME4 Datasheet
238Kb / 4P
   RF TEST SWITCH
logo
ITT Industries
PCB-DNG ITT-PCB-DNG Datasheet
67Kb / 1P
   D Subminiature Communication Systems Information Systems Medical Test Equipment
logo
Banner Engineering Corp...
PVL BANNER-PVL Datasheet
337Kb / 4P
   PVL Parts Verification Array
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com