Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CB1608UA101 Arkusz danych(PDF) 2 Page - SAMWHA ELECTRIC

Numer części CB1608UA101
Szczegółowy opis  Ultra Power Line Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMWHA [SAMWHA ELECTRIC]
Strona internetowa  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB1608UA101 Arkusz danych(HTML) 2 Page - SAMWHA ELECTRIC

  CB1608UA101 Datasheet HTML 1Page - SAMWHA ELECTRIC CB1608UA101 Datasheet HTML 2Page - SAMWHA ELECTRIC CB1608UA101 Datasheet HTML 3Page - SAMWHA ELECTRIC CB1608UA101 Datasheet HTML 4Page - SAMWHA ELECTRIC CB1608UA101 Datasheet HTML 5Page - SAMWHA ELECTRIC CB1608UA101 Datasheet HTML 6Page - SAMWHA ELECTRIC CB1608UA101 Datasheet HTML 7Page - SAMWHA ELECTRIC CB1608UA101 Datasheet HTML 8Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SAMWHA ELECTRONICS CO., LTD
v 1608~4532 SIZE
http://www.samwha.com/chip
DPS-081104
This description in the this catalogue is subject to change without notice
Measuring Equipment
-. Z : HP4291B / E4991A
-. Rdc : HP4338B
4000
0.030
120
CB2012UJ121
6000
0.020
120
CB3216UA121
6000
0.010
60
CB3216UM600
6000
0.200
120
CB3216UM121
6000
0.010
60
CB4516UM600
6000
0.030
120
CB4532UK121
4000
0.045
400
CB4532UK401
4000
0.030
120
CB2012UM121
100
4000
0.030
100
CB1608UA101
4000
0.025
50
CB1608UK500
Test Frequency
(MHz)
Rated Current
(mA) max.
DC Resistance
(Ω) max.
Impedance
(Ω) ±25%
Samwha P/N
4000
0.030
120
CB2012UK121
4000
0.030
120
CB2012UA121
4000
0.020
100
CB2012UA101
5000
0.015
60
CB2012UA600
5000
0.010
30
CB2012UA300
4000
0.030
60
CB1608UK600
DPS-081104
CHIP BEADS, For Ultra Power Line


Podobny numer części - CB1608UA101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SAMWHA ELECTRIC
CB1608GA100 SAMWHA-CB1608GA100 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1608GA102 SAMWHA-CB1608GA102 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1608GA121 SAMWHA-CB1608GA121 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1608GA221 SAMWHA-CB1608GA221 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1608GA300 SAMWHA-CB1608GA300 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results

Podobny opis - CB1608UA101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
AVRX750U TRIPPLITE-AVRX750U Datasheet
523Kb / 4P
   AVR Series 750VA Ultra-compact Line-Interactive
logo
Murata Manufacturing Co...
LXES03AAA1-134 MURATA-LXES03AAA1-134 Datasheet
151Kb / 2P
   Ultra High-speed Transmission Line
LXES03AAA1-154 MURATA-LXES03AAA1-154 Datasheet
153Kb / 2P
   Ultra High-speed Transmission Line
LXES15AAA1-153 MURATA-LXES15AAA1-153 Datasheet
150Kb / 2P
   Ultra High-speed Transmission Line
LXES1UBAB1-007 MURATA-LXES1UBAB1-007 Datasheet
154Kb / 2P
   Ultra High-speed Transmission Line
LXES15AAA1-133 MURATA-LXES15AAA1-133 Datasheet
153Kb / 2P
   Ultra High-speed Transmission Line
LXES03TBB1-141 MURATA-LXES03TBB1-141 Datasheet
154Kb / 2P
   Ultra High-speed Transmission Line
LXESEABAA6-046 MURATA-LXESEABAA6-046 Datasheet
157Kb / 2P
   Ultra High-speed Transmission Line
logo
List of Unclassifed Man...
PT12210 ETC1-PT12210 Datasheet
106Kb / 1P
   122 Series Power Line Chokes
logo
Tripp Lite. All Rights ...
AVR750U TRIPPLITE-AVR750U Datasheet
529Kb / 5P
   AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com