Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS2012X7R104C6R3NBB Arkusz danych(PDF) 11 Page - SAMWHA ELECTRIC

Numer części CS2012X7R104C6R3NBB
Szczegółowy opis  Multi Layer Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMWHA [SAMWHA ELECTRIC]
Strona internetowa  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CS2012X7R104C6R3NBB Arkusz danych(HTML) 11 Page - SAMWHA ELECTRIC

Back Button CS2012X7R104C6R3NBB Datasheet HTML 6Page - SAMWHA ELECTRIC CS2012X7R104C6R3NBB Datasheet HTML 7Page - SAMWHA ELECTRIC CS2012X7R104C6R3NBB Datasheet HTML 8Page - SAMWHA ELECTRIC CS2012X7R104C6R3NBB Datasheet HTML 9Page - SAMWHA ELECTRIC CS2012X7R104C6R3NBB Datasheet HTML 10Page - SAMWHA ELECTRIC CS2012X7R104C6R3NBB Datasheet HTML 11Page - SAMWHA ELECTRIC CS2012X7R104C6R3NBB Datasheet HTML 12Page - SAMWHA ELECTRIC CS2012X7R104C6R3NBB Datasheet HTML 13Page - SAMWHA ELECTRIC CS2012X7R104C6R3NBB Datasheet HTML 14Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Multi Layer Ceramic Capacitors
25
SAMWHA CAPACITOR Co., Ltd.
24
Radial & Axial
Char.
Temp.
Reference
Cap.
Range
Temp.
Change
X7R
-55 to
Within
+125℃
±15%
X5R
-55 to
Within
+85℃
±15%
Y5V
-30 to
Within
+85℃
22%
-
82%
Step
Temperature()
125±2
2
-55±3
325±2
4
125±3(for C0G)
525±2
(1) Temperature Compensating Type:
The temperature coefficient is
determined using the capacitance
measured in step 3 as a reference,
When cycling the temperature
sequentially from step 1 through 5,
(C0G: +25 to 125℃) the capacitance
shall be with in the specified
tolerance for the temperature
coefficient.
The capacitance drift is calculated
by dividing the difference
between the maximum measured
values in the step 1, 3 and 5 by the
Cap. value in step 3
(2) High Dielectric Constant Type :
The ranges of capacitance
change compared with the 25℃
value over the temperature
range shown in the table shall
be in the specified range.
15
Preservation(keeping) ※When solderability is considered, capacitors are
recommended to be used in 12 months
16
The regulation of
※Never use materials mentioned below in MLCC products regulated this document.
environmental
Pb, Cd, Hg, Cr+6, PBB(polybromide biphenyl), PBDE(polybrominated diphenyl ethers), asbestos.
pollution materials.
25℃
No.
Item
Characteristic
Temperature
Compensating Type
High Dielectric Constant Type
Test Methods
and Conditions
14 Capacitance Capacitance
Temperature Change
Characteristics
Temperature
Coefficient
Char.
Temp.
Temperature
Range
Coefficient
C0G
-55 to
±30ppm/℃
+125℃
(1) Temperature : 25℃±10℃
(2) Relative Humidity : Below 70% RH
- In case of high Voltage and thin layer type Capacitor, it can be different from nomal specification.
So Please ask to our sales person.
Features
This widely used ceramic capacitors includes both monolithic and multilayer types to provide a wide
capacitance range of 1pF through 1㎌ in respectly one standard size and shape(Radial & Axial).
Applications
The class1 temperature compensating(C0G) products can be used in circuits to stabilize frequency and
temperature characteristics.
The X7R, Z5U, Y5V dielectrics are optimum for by pass capacitors.
Radial & Axial
CODE
LW
T
H
P
Ød
Color
Marking
Max.
Max.
Max.
Max.
±0.7
051B
5.5
5.5
3.2
6.4
5
0.5
Orange
Ex) 104
077B
7.7
7.6
9.2
or Gold
Shape and Dimensions
Bulk Type
Radial Type
Flat Type
Radial Type
Axial Type


Podobny numer części - CS2012X7R104C6R3NBB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CS2012 ETC-CS2012 Datasheet
3Mb / 7P
   Typical Performance Characteristics
logo
Transko Electronics, In...
CS2012 TRANSKO-CS2012 Datasheet
253Kb / 1P
   MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)
Rev. 4: 11-06-2020
logo
CUI INC
CS20120B CUI-CS20120B Datasheet
340Kb / 4P
   CURRENT SENSOR
logo
Bourns Electronic Solut...
CS201212 BOURNS-CS201212 Datasheet
307Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CS201212-100K BOURNS-CS201212-100K Datasheet
307Kb / 2P
   Ferrite Multi-Layer Chip Inductors
More results

Podobny opis - CS2012X7R104C6R3NBB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
Dubilier
DRU21C102JBTA DUBILIER-DRU21C102JBTA Datasheet
126Kb / 1P
   CAPACITORS CERAMIC MULTI-LAYER RADIAL DR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com