Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD-5100-100N Arkusz danych(PDF) 1 Page - Optoway Technology Inc

Numer części PD-5100-100N
Szczegółowy opis  InGaAs PIN PHOTODIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OPTOWAY [Optoway Technology Inc]
Strona internetowa  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

PD-5100-100N Arkusz danych(HTML) 1 Page - Optoway Technology Inc

  PD-5100-100N Datasheet HTML 1Page - Optoway Technology Inc PD-5100-100N Datasheet HTML 2Page - Optoway Technology Inc PD-5100-100N Datasheet HTML 3Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Optoway
PD-1100
****************************************************************************************************************************************************************
***************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/9/2009 V2.0
InGaAs PIN PHOTODIODES
PD-1100 SERIES
****************************************************************************************************************************************************************
FEATURES
High responsivity for dual windows at 1310 nm and 1550 nm
Low dark current
Quick pulse response
Hermetically sealed 3-pin metal case
Active diameter 75 μm
DESCRIPTION
PD-1100 series InGaAs Photodiode are suited to receive the light at the wavelength range from 1100 nm to
1600 nm. With high reliability, PD-1100 series are the best choice for telecom and datacom application.
ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25ºC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Active Area
75
μ
m
Detection Range
1100
1600
nm
VR=5V, λ=1300nm
0.85
-
R
Responsivity
VR=5V, λ=1550nm
0.90
A/W
Idark
Dark Current
VR=5V
0.3
0.7
nA
C
Capacitance
VR=5V
0.7
1.0
pF
Tr /Tf
Rise/Fall Time
VR=5V, 10~90%
0.3
ns
BW
Bandwidth
VR=5V
2
GHz
ABSOLUTE MAXIMUM RATINGS
(TC=25 ºC)
Symbol
Parameter
Ratings
Unit
Po
Input Optical Power
10
mW
VRD
Reverse Voltage
20
V
IFD
Forward Current
10
mA
Topr
Operating Temperature
-40~+85
ºC
Tstg
Storage Temperature
-40~+85
ºC


Podobny numer części - PD-5100-100N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Optoway Technology Inc
PD-5100-100 OPTOWAY-PD-5100-100 Datasheet
84Kb / 2P
   InGaAs PIN PHOTODIODES
More results

Podobny opis - PD-5100-100N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hamamatsu Corporation
G12183 HAMAMATSU-G12183_15 Datasheet
353Kb / 6P
   InGaAs PIN photodiodes
G11193 HAMAMATSU-G11193_15 Datasheet
200Kb / 4P
   InGaAs PIN photodiodes
G12181 HAMAMATSU-G12181_15 Datasheet
312Kb / 6P
   InGaAs PIN photodiodes
G12180 HAMAMATSU-G12180_15 Datasheet
287Kb / 8P
   InGaAs PIN photodiodes
G8605 HAMAMATSU-G8605_15 Datasheet
193Kb / 5P
   InGaAs PIN photodiodes
logo
Unity Opto Technology
MCD-3P4C-312 UOT-MCD-3P4C-312 Datasheet
69Kb / 2P
   InGaAs PIN PHOTODIODES
logo
Hamamatsu Corporation
G12180-003A HAMAMATSU-G12180-003A Datasheet
161Kb / 4P
   InGaAs PIN photodiodes
logo
Unity Opto Technology
MCD-3P4C-322 UOT-MCD-3P4C-322 Datasheet
94Kb / 2P
   InGaAs PIN PHOTODIODES
logo
Optoway Technology Inc
PD-1100 OPTOWAY-PD-1100 Datasheet
84Kb / 2P
   InGaAs PIN PHOTODIODES
PD-1110 OPTOWAY-PD-1110_09 Datasheet
122Kb / 3P
   InGaAs PIN PHOTODIODES
logo
Hamamatsu Corporation
G12182 HAMAMATSU-G12182_15 Datasheet
513Kb / 6P
   InGaAs PIN photodiodes
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com