Zakładka z wyszukiwarką danych komponentów |
|
SA0603X7R104D6R3NBB Arkusz danych(PDF) 8 Page - SAMWHA ELECTRIC |
|
SA0603X7R104D6R3NBB Arkusz danych(HTML) 8 Page - SAMWHA ELECTRIC |
8 / 14 page Multi Layer Ceramic Capacitors 19 SMD Type-High Voltage SAMWHA CAPACITOR Co., Ltd. 18 Application(Typical circuit) DC-DC Converter Primary circuit and Snubber switching power supply LCD back light Inverter Switching Power Supply C2 : X7R ; 250V 10nF~47nF C3 : COG ; 630V 47pF~100pF C3 : COG, X7R ; 2kV 100pF~1000pF C4 : COG, X7R ; 2kV 100pF~1000pF C1, C2 : COG or X7R 1000pF~4700pF C4 : COG ; 2kV 100pF~330pF C5 : COG ; 1kV/2kV 100pF~470pF C2 : COG ; 3kV 10 ~100pF Caution(Rating) 1. Operating Voltage When DC-rated capacitors are to be used in AC or ripple current circuits, be sure to maintain the Vp-p Value of the applied voltage or the Vo-p which contains DC bias within the rated voltage range. When the voltage is applied to the circuit, starting or stopping may generate irregular voltage for a transit period because of resonance or switching. Be sure to use a capacitor with a rated voltage range that includes these irregular voltages. 2. Test condition for AC withstanding Voltage (1) Test Equipment Tests for AC withstanding voltage should be made with equipment capable of creating a wave similar to a 50/60 Hz sine wave. If the distorted sine wave or overload exceeding the specified voltage value is applied, a defect may be caused. (2) Voltage applied method The capacitor's leads or terminals should be firmly connected to the output of the withstanding voltage test equipment, and then the voltage should be raised from near zero to the test voltage. If the test voltage is applied directly to the capacitor without raising it from near zero,it should be applied with the *zero cross. At the end of the test time, the test voltage should be reduced to near zero, and then the capacitor's leads or terminals should be taken off the output of the withstanding voltage test equipment. If the test voltage is applied directly to the capacitor without raising it from near zero, surge voltage may occur and cause a defect. *ZERO CROSS is the point where voltage sine wave (3) Dielectric strength testing method In case of dielectric strength test, the capacitor’s is applied between the terminations for 1 to 5 sec., provided the charge/discharge current is less than 50mA. 3. Soldering If a chip component is heated or cooled abruptly during soldering, it may crack due to the thermal shock. To prevent this, follow our recommendations below for adequate soldering conditions. Carefully perform preheating so that temperature difference (ΔT) between the solder and component surface is in the following range. The smaller the temperatures difference (Δ T) between the solder and component surface is, the smaller the influence on the chip is. Voltage Positional Measurement DV Voltage DC+AC Voltage AC Voltage Pulse Voltage(1) Pulse Voltage(2) Chip Size 3.2×1.6mm 3.2×2.5mm Slodering Method and under and over Reflow Method or ΔT 190℃ΔT 130℃ Soldering Lron Method |
Podobny numer części - SA0603X7R104D6R3NBB |
|
Podobny opis - SA0603X7R104D6R3NBB |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |