Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS6121E Arkusz danych(PDF) 1 Page - Bothhand USA, LP.

Numer części TS6121E
Szczegółowy opis  10/100 BASE-T TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOTHHAND [Bothhand USA, LP.]
Strona internetowa  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS6121E Arkusz danych(HTML) 1 Page - Bothhand USA, LP.

  TS6121E_1 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N:TS6121E DATA SHEET
Feature
!
Designed to meet IEEE 802.3u requirement,including 350uH
OCL with 8mA bias.
!
Designed for reflow soldering at temperature up to 235℃.
!
Operating temperature range: 0℃ to +70℃.
!
Storage temperature range: -25℃to +125℃.
Electrical Specifications @ 25°C
Turns Ratio (±5%)
DCR
(ΩMax)
Part
Number
TX/RX
OCL (uH Min)
@ 100 KHz/0.1V
with 8mA DC Bias
L.L
(μH Max)
CW/W
(pF Max)
6-7/15-16
1-2/10-11
HI-POT
(Vrms)
TS6121E
1CT: 1CT
350
0.5
28
0.9
1.1
1500
Continue
Insertion Loss
(dB Max)
Return Loss (dB Min)
Cross Talk
(dB Min)
DCMR
(dB Min)
Part
Number
0.3 -100 MHz 0.3-30MHz 40MHz 50MHz 60-80MHz
0.3-60MHz
60-100MHZ 30MHz 60MHz 100 MHz
TS6121E
-1.15
-18
-15.5
-13.0
-12
-45
-35
-40
-35
-30
Schematic
Mechanical
Bothhandusa.com
10/100 BASE-T TRANSORMER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Podobny numer części - TS6121E_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TS6121E ETC1-TS6121E Datasheet
343Kb / 4P
   10/100 BASE PULSE TRANSFORMERS (SMD) SMALL SIZE
logo
Bothhand USA, LP.
TS6121E BOTHHAND-TS6121E Datasheet
194Kb / 1P
   10/100 BASE-T TRANSFORMER
More results

Podobny opis - TS6121E_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
16PT8512A BOTHHAND-16PT8512A Datasheet
53Kb / 1P
   10/100 BASE-T TRANSFORMER
16ST8520X BOTHHAND-16ST8520X Datasheet
108Kb / 1P
   10/100 BASE-T TRANSFORMER
24STS12 BOTHHAND-24STS12 Datasheet
194Kb / 1P
   10/100 BASE-T TRANSFORMER
16ST8515M BOTHHAND-16ST8515M Datasheet
177Kb / 1P
   10/100 BASE-T TRANSFORMER
16PT8515-3 BOTHHAND-16PT8515-3 Datasheet
50Kb / 1P
   10/100 BASE-T TRANSFORMER
16PT8510 BOTHHAND-16PT8510_1 Datasheet
50Kb / 1P
   10/100 BASE-T TRANSFORMER
16ST8511 BOTHHAND-16ST8511 Datasheet
27Kb / 1P
   10/100 BASE-T TRANSFORMER
24ST8515-2 BOTHHAND-24ST8515-2_1 Datasheet
264Kb / 1P
   10/100 BASE-T TRANSFORMER
16ST8515-1LF BOTHHAND-16ST8515-1LF Datasheet
160Kb / 2P
   10/100 BASE-T TRANSFORMER
logo
Bourns Electronic Solut...
SM91074AL BOURNS-SM91074AL Datasheet
576Kb / 3P
   10/100 Base-T Transformer
SM91071AL BOURNS-SM91071AL Datasheet
487Kb / 4P
   10/100 Base-T Transformer
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com