Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB1030470ML Arkusz danych(PDF) 3 Page - ABC Taiwan Electronics Corp

Numer części SB1030470ML
Szczegółowy opis  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ABC [ABC Taiwan Electronics Corp]
Strona internetowa  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB1030470ML Arkusz danych(HTML) 3 Page - ABC Taiwan Electronics Corp

  SB1030470ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB1030470ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB1030470ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB1030470ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB1030470ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB1030470ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB1030470ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
User ditrection of feed
26
Outer : Carton
12.0
G.W. (Kg)
AE-001A
Q'TY (pcs)
( 3 ) Q'TY & G.W. Per package
Series
SB1030
1,000
( 2 ) Dimensions
13 - 24
Style
330
A
13 - 24
Style
G.W. (gw)
3,000
Inner : Reel
4,000
Q'TY (pcs)
13±0.5
21±0.8
BC
D
24
40 x 40 x 24
Size (cm)
Unit:m/m
+0
G
-0
50
N
30.4
T
330
Embossed carrier
Carrier tape width : D
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
Components
C
200 m/m Min.
End
no component
Leader
4 m/m
P:16 m/m
330
330
330
G
2.0±0.5
Ⅵ﹒
PACKAGING INFORMATION:
SHIELDED SMD
POWER INDUCTOR
( 1 ) Configuration
PROD.
NAME
REF :
T
Start
no component
Trailer
400 m/m Min.
D
PAGE: 3
Cover tape
SB1030□□□□L□-□□□


Podobny numer części - SB1030470ML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SB1030 PANJIT-SB1030 Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Transys Electronics
SB1030 TRSYS-SB1030 Datasheet
146Kb / 2P
   10 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1030 WTE-SB1030 Datasheet
39Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
SB1030 WTE-SB1030 Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1030 PANJIT-SB1030 Datasheet
425Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SB1030470ML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com