Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB1030470ML Arkusz danych(PDF) 6 Page - ABC Taiwan Electronics Corp

Numer części SB1030470ML
Szczegółowy opis  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ABC [ABC Taiwan Electronics Corp]
Strona internetowa  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB1030470ML Arkusz danych(HTML) 6 Page - ABC Taiwan Electronics Corp

  SB1030470ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB1030470ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB1030470ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB1030470ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB1030470ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB1030470ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB1030470ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
220
Polyesterimide
EIW
____
____
Modified Polyester
Polyesterimide
Polyesterimide
Modified Polyester
Modified Polyester
Polyesterimide
Polyesterimide
Modified Polyester
Modified Polyester
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
fies base coated magnet wire twisted together and covered with top coat overall.
LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi-
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI.
See General Information Preceding These Recognitions
Polyesterimide
AE-001A
287806002
Recognized Component Mark.
Marking: Company name or trademarks
SFFW
287806002
UEW-1
SFFY
UEY-2
UEW-4
UEW-2
UEY
Dsg
Mtl
____
____
____
____
____
Dsg
____
Mark
SF.EILOCKBS
SF.EILOCKY#
SF.BLOCKBS
FL.EILOCKY
SF.BY@
SF.BW@
SF.FLY@
PEW
LSUEW
SF.FLW
SF.EIW
PEY
LSFFW
EIW-2
____
____
____
____
____
____
____
____
____
____
____
____
____
____
September 8 , 2000
OBMW2⁄E174837
, material designation or marked designation on packaed or reel, and
Page 2 of 2
榮星電線
or
committed to quality service
dedicated to public safety and
A not-for-profit organization
MW79
Polyurethane
Polyamide
Polyamide
Coat Typ
BC
Page 1 of 2
____
MW2-C
MW80C
Nylon
____
____
MW28-C
MW28-C
MW75C
___
OC
Type
ANSI
Modified
Polyester
Polyester
Polyurethane
Polyester
Polyurethane
Nylon
MW27-C
Polyamide
Polyamide
Modified
____
Polyamide
Modified
Nylon
___
MW26C
MW27-C
___
___
____
Nylon
____
____
Polyamide
____
____
___
MW26C
MW77C
MW24-C
MW79-C
___
___
MW74-C
155
155
105
130
130
130
130
Class
Temp
155
180
155
180
155
155
130
155
155
180
155
155
155
200
Polyesterimide
Polyamideimide
Polyesterimide
Polyesterimide
231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN
JUNG SHING WIRE CO LTD
SMD POWER INDUCTOR
SPECIFICATION FOR APPROVAL
PROD.
NAME
Magnet Wire-Component
HSIEN TAIWAN
EILOCKW
EILOCKY
Mtl
EIAIW
Dsg
CFUEWB
AIW
Mark
____
____
____
____
____
____
Dsg
OBMW2
. UL CARD:
REF :
Polyamideimide
Coat Typ
Polyurethane
BC
ANSI
Modified
Polyamide
Epoxy
____
____
____
OC
MW35C
___
___
___
Type
MW81-C
MW75C
September 8, 2000
ABC'S DWG NO.
ABC'S ITEM NO.
Temp
200
200
180
220
130
Class
E174837
SB1030□□□□L□-□□□
PAGE: 6


Podobny numer części - SB1030470ML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SB1030 PANJIT-SB1030 Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Transys Electronics
SB1030 TRSYS-SB1030 Datasheet
146Kb / 2P
   10 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1030 WTE-SB1030 Datasheet
39Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
SB1030 WTE-SB1030 Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1030 PANJIT-SB1030 Datasheet
425Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SB1030470ML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com