Zakładka z wyszukiwarką danych komponentów |
|
SB1108220ML Arkusz danych(PDF) 5 Page - ABC Taiwan Electronics Corp |
|
SB1108220ML Arkusz danych(HTML) 5 Page - ABC Taiwan Electronics Corp |
5 / 7 page SMD POWER INDUCTOR SB1108□□□□L□-□□□ Flux : Rosin Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Preheat : 150±25 for 60 seconds ℃ Dip time : 4±1 seconds Solder temp. : 235±5℃ NAME PROD. ABC'S ITEM No. ABC'S DWG No. PAGE: 5 Test condition 85±2 ℃ 30 minutes -25±2 ℃ 30 minutes Specification terminal electrode With fresh solder. Shall be covered More than 90% of the REF : Solderability Ⅷ﹒ RELIABILITY TEST: Test item not change more Inductance shall than ±20% AE-001A Humidity Resistance test High temp. Resistance test ( Temp. cycle ) Thermal shock test SPECIFICATION FOR APPROVAL Applied current : Per spec. Applied current : Per spec. Temperature : 85±2℃ Time : 500 hours Time : 500 hours Humidity : 90 ~ 95% Temperature : 40±2℃ 15 minutes 15 minutes Total : 50 cycles Room temp. Room temp. |
Podobny numer części - SB1108220ML |
|
Podobny opis - SB1108220ML |