Zakładka z wyszukiwarką danych komponentów |
|
SPI4015-2R2NZF Arkusz danych(PDF) 3 Page - Superworld Electronics |
|
SPI4015-2R2NZF Arkusz danych(HTML) 3 Page - Superworld Electronics |
3 / 5 page SUPERWORLD ELECTRONICS (S) PTE LTD PG. 3 6. RELIABILITY & TEST CONDITION : Resistance to Soldering heat Vibration Substrate bending ITEM (A total of 6 hours) the condition shown in the above profile for 1 time. 130~150°C and after it has been immersed to a depth 0.5mm with new solder smoothly when the sample is taken out of The specimen shall be stored at standard atmospheric conditions for 1 hour, after which the measurement shall There shall be no damage or problems. The specimen shall be passed through the reflow oven with the solder bath. More than 90% of the electrode sections shall be cowered a temperature of 245±5°C. below for 3±0.2 seconds fully in molten solder M705 with then be preheated for about 2 minutes in a temperature of Flux (rosin, isopropyl alcohol{JIS-K-1522}) shall be coated over the whole of the sample before hard, the sample shall be applied to the 3 directions (X,Y,Z) for 2 hours each. a frequency of from 10 to 55Hz/1 minute repeated should There shall be no mechanical damage. L/Lo<±10% There shall be no mechanical damage or The sample shall be soldered onto the printed circuit board and when a vibration having an amplitude of 1.52mm and PERFORMANCE TEST CONDITION electrical damage. The sample shall be soldered onto the printed circuit board in figure 1 and a load applied until the figure in the arrow direction is made approximately 3mm.(keep time 30 secs) PRESSURE ROD figure-1 Solderability New solder Mechanical (reflow soldering) be made. 100 50 20 30 30 20 t = 1.6 Ø4.5 45±2 45±2 20 10 R5 R340 Bending test board L/Lo<±10% 11.01.2010 300 250 200 150 100 50 2 min. 10 sec 2 min. or more 150~ 180°C 30 sec Min. (230°C Max.) Soldering (Peak temperature 260±3°C 10sec) Slow cooling (Stored at room temperature) Pre-heating NOTE : Specifications subject to change without notice. Please check our website for latest information. SMD POWER INDUCTORS SPI4015 SERIES More than 90% |
Podobny numer części - SPI4015-2R2NZF |
|
Podobny opis - SPI4015-2R2NZF |