Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPI4018-1R8NZF Arkusz danych(PDF) 2 Page - Superworld Electronics

Numer części SPI4018-1R8NZF
Szczegółowy opis  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUPERWORLD [Superworld Electronics]
Strona internetowa  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPI4018-1R8NZF Arkusz danych(HTML) 2 Page - Superworld Electronics

  SPI4018-1R8NZF Datasheet HTML 1Page - Superworld Electronics SPI4018-1R8NZF Datasheet HTML 2Page - Superworld Electronics SPI4018-1R8NZF Datasheet HTML 3Page - Superworld Electronics SPI4018-1R8NZF Datasheet HTML 4Page - Superworld Electronics SPI4018-1R8NZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
28.12.2009
NOTE : Specifications subject to change without notice. Please check our website for latest information.
5. ELECTRICAL CHARACTERISTICS :
4. GENERAL SPECIFICATION :
f) Resistance to solder heat : 260°C 10secs
e) Operating temp. : -40°C to +105°C ( include self temp. rise )
d) Storage temp. : -40°C to +105°C
b) IDC2 : Based on temperature rise ( T: 40°C Typ.)
a) IDC1 : Based on inductance change ( L/Lo: <30%) @ ambient temp. 25°C
Part No.
SPI4018-1R2NZF
Inductance
1.2±30%
( uH )
IDC1
( m )
0.1V/100K
46
2.30
( A )
RDC
IDC2
2.20
( A )
( Hz )
Frequency
Test
±20%
1.5±30%
0.1V/100K
51
2.2±30%
0.1V/100K
59
SPI4018-1R5NZF
SPI4018-2R2NZF
2.00
1.85
2.10
1.90
SMD POWER INDUCTORS
SPI4018 SERIES
SPI4018-3R3NZF
3.3±30%
0.1V/100K
74
1.40
1.60
3.9±30%
0.1V/100K
82
4.7±20%
0.1V/100K
99
SPI4018-3R9NZF
SPI4018-4R7MZF
1.50
1.35
1.30
1.20
SPI4018-5R6MZF
5.6±20%
0.1V/100K
110
1.10
1.25
6.8±20%
0.1V/100K
130
8.2±20%
0.1V/100K
140
SPI4018-6R8MZF
SPI4018-8R2MZF
1.20
1.10
1.00
0.90
SPI4018-100MZF
10±20%
0.1V/100K
150
0.85
1.00
12±20%
0.1V/100K
220
15±20%
0.1V/100K
240
SPI4018-120MZF
SPI4018-150MZF
0.95
0.90
0.80
0.70
SPI4018-180MZF
18±20%
0.1V/100K
260
0.65
0.85
22±20%
0.1V/100K
370
SPI4018-220MZF
0.75
0.55
27±20%
0.1V/100K
420
SPI4018-270MZF
0.70
0.50
SPI4018-330MZF
33±20%
0.1V/100K
480
0.45
0.60
39±20%
0.1V/100K
520
SPI4018-390MZF
0.55
0.43
c) Rated Current : IDC1 or IDC2, whichever value is lower
SPI4018-1R0NZF
1.0±30%
0.1V/100K
41
2.70
2.40
1.8±30%
0.1V/100K
55
SPI4018-1R8NZF
1.90
2.00
47±20%
0.1V/100K
620
SPI4018-470MZF
0.50
0.40
100±20%
0.1V/100K
1780
SPI4018-101MZF
0.35
0.30
2.7±30%
0.1V/100K
67
SPI4018-2R7NZF
1.70
1.60
Marking
B
C
E
G
H
I
J
K
L
M
N
O
P
Q
R
S
T
A
D
U
Y
F


Podobny numer części - SPI4018-1R8NZF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Superworld Electronics
SPI4012 SUPERWORLD-SPI4012 Datasheet
231Kb / 5P
   SMD POWER INDUCTORS SPI4012 SERIES
SPI4012-100MZF SUPERWORLD-SPI4012-100MZF Datasheet
231Kb / 5P
   SMD POWER INDUCTORS SPI4012 SERIES
SPI4012-100MZF-11 SUPERWORLD-SPI4012-100MZF-11 Datasheet
264Kb / 5P
   SMD POWER INDUCTORS
SPI4012-120MZF SUPERWORLD-SPI4012-120MZF Datasheet
231Kb / 5P
   SMD POWER INDUCTORS SPI4012 SERIES
SPI4012-120MZF-11 SUPERWORLD-SPI4012-120MZF-11 Datasheet
264Kb / 5P
   SMD POWER INDUCTORS
More results

Podobny opis - SPI4018-1R8NZF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com