Zakładka z wyszukiwarką danych komponentów |
|
SS1004221YL Arkusz danych(PDF) 5 Page - ABC Taiwan Electronics Corp |
|
SS1004221YL Arkusz danych(HTML) 5 Page - ABC Taiwan Electronics Corp |
5 / 6 page Test condition Applied current : Per spec. Applied current : Per spec. Preheat : 150±25 for 60 seconds ℃ Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent SS1004□□□□L□-□□□ SPECIFICATION FOR APPROVAL Resistance test Resistance test High temp. Thermal shock test ( Temp. cycle ) Humidity AE-001A Time : 500 hours Temperature : 105±2℃ not change more Inductance shall than ±20% Temperature : 40±2℃ Humidity : 90 ~ 95% Time : 500 hours Total : 50 cycles 15 minutes Room temp. 15 minutes Room temp. Ⅷ﹒ RELIABILITY TEST: Solderability PROD. NAME REF : More than 90% of the Shall be covered With fresh solder. terminal electrode Specification POWER INDUCTOR SHIELDED SMD Test item Solder temp. : 235±5℃ Dip time : 4±1 seconds Flux : Rosin ABC'S DWG NO. ABC'S ITEM NO. 30 minutes 85±2 ℃ 30 minutes -25±2 ℃ PAGE: 5 |
Podobny numer części - SS1004221YL |
|
Podobny opis - SS1004221YL |