Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE705153BM+ Arkusz danych(PDF) 4 Page - ACE Technology Co., LTD.

Numer części ACE705153BM+
Szczegółowy opis  High efficiency, Low supply current, step-up DC/DC Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACE [ACE Technology Co., LTD.]
Strona internetowa  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE705153BM+ Arkusz danych(HTML) 4 Page - ACE Technology Co., LTD.

  ACE705153BM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE705153BM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE705153BM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE705153BM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE705153BM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE705153BM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE705153BM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE705153BM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE705153BM+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
 
                                                                                                                      
ACE705
                        Technology
High efficiency, multi-funtion step-up
DC/DC Controller
VER 1.2
4
Input Current * (no
load)
Lin
Iout=0mA, Vin=Vout*0.6
20
25
uA
Quiescent current *
IDD
No external component,
Vout=Voutx1.05
6
8
uA
Chip leakage current
Istandby
VCE=0V
1
uA
CE “H: threshold
voltage
VCEH
VCE:0 2V
0.6
0.9
V
CE “L” threshold
voltage
VCEL
VCE:2 0V
0.3
0.6
V
Oscillator frequency
FOSC
Vout=Vout*0.96 Test EXT pin
frequency
300
350
400
Khz
CE ”H”
ICEH
Vout=VCE=6V
-0.5
0
0.5
uA
CE “L”
ICEL
Vout=VCE=6V
-0.5
0
0.5
uA
3.0V<=Vout<=3.9V
-21
4.0V<=Vout<=4.9V 
-35
EXT “H” output current
IEXTH
5.0V<=Vout<=6.9V 
-41
mA
3.0V<=Vout<=3.9V
23
4.0V<=Vout<=4.9V 
25
EXT “H” output current
IEXTL
5.0V<=Vout<=6.9V 
31
mA
Oscillator duty cycle
Duty
On(Vlx “L”) side
70
75
80
%
Efficiency
η
90
%
Note :
1.
Diode: Schottky type, such as: 1N5817, 1N5819, 1N5822
2.
Inductor: 27uH(R<0.5Ω)
3.
Output Capacitor: 100uF (Tantalum type)
4.
Vout pin filter capacitor: 1nF (Ceramic type)
5.
Input capacitor: 47uF
Typical Application
(1) Application with external NMOSFET
Vin
D 1N5817
Vout
L 27uH
EXT
OUT
Cin
ACE705
47uF
Cout
Rload
CE
GND
Cp
100uF Tan
OFF ON
1nF
Fig2


Podobny numer części - ACE705153BM+

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ACE Technology Co., LTD...
ACE705125BM+H ACE-ACE705125BM+H Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
ACE705125BN+H ACE-ACE705125BN+H Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
ACE705130BM+H ACE-ACE705130BM+H Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
ACE705130BN+H ACE-ACE705130BN+H Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
ACE705160BM+H ACE-ACE705160BM+H Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
More results

Podobny opis - ACE705153BM+

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705_12 Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8530C BELLING-BL8530C Datasheet
267Kb / 13P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, MULTI-FUNTION STEP-UP DC/DC CONTROLLER
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
   HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
   High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
   High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Silicon Standard Corp.
SS6628 SSC-SS6628 Datasheet
554Kb / 7P
   High-Efficiency Step-Up DC/DC Controller
logo
Analog Intergrations Co...
AIC1630A AIC-AIC1630A Datasheet
181Kb / 9P
   HIGH-EFFICIENCY STEP-UP DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com