Zakładka z wyszukiwarką danych komponentów |
|
ACE111715YM+H Arkusz danych(PDF) 2 Page - ACE Technology Co., LTD. |
|
ACE111715YM+H Arkusz danych(HTML) 2 Page - ACE Technology Co., LTD. |
2 / 8 page ACE1117 Technology 1A Positive Voltage Regulators VER 1.3 2 Ordering information Selection Guide ACE1117 XX XX + H Electrical Characteristics VIN.MAX≦8V, VIN.MAX-VOUT=1.5V, IOUT=10mA, CIN=10uF, COUT=22uF, TA=25℃, unless otherwise specified. Parameter Symbol Test Conditions Min Typ Mum Unit Output Voltage (1) VO ACE1117-15 ACE1117-18 ACE1117-25 ACE1117-33 ACE1117-50 1.470 1.764 2.450 3.234 4.900 1.5 1.8 2.5 3.3 5.0 1.530 1.836 2.550 3.366 5.100 V Reference Voltage (1) (ADJ. Voltage Version) VREF (VIN-VOUT)=1.5V IOUT=10mA (-2%) 1.250 (+2%) V Line Regulation (1) VSR VOUT+1.5V<VIN<8V IOUT=10mA 0.3 % Load Regulation (1) VLR (VIN-VOUT)=1.5V 10mA≦IOUT≦1A 0.5 % Quiescent Current (2) IQ Fixed Output Version 3 mA Adjust Pin Current IADJ 65 uA Adjust Pin Current Change △ IADJ VOUT+1.5V<VIN<8V 10mA≦IOUT≦1A 14 uA Dropout Voltage (3) VD IOUT=1A 1.3 V Minimum Load Current IO 0.4 mA Current Limit ICL 1.8 A Temperature Coefficient TC 0.07 %/℃ Thermal Protection OTP 175 ℃ RMS Output Noise VN TA=25℃, 10Hz≦f≦100kHz 0.003 %VO Ripple Rejection Ratio RA f=120Hz, COUT=22uF (Tantalum), (VIN-VOUT)=3V, IOUT=10mA 55 dB Halogen - free Output Voltage : 1.5 / 1.8V / 2.5V / 3.3V….. 5.0V / Default: Adjustable Version Pb - free XM : SOT-223 YM : TO-252 |
Podobny numer części - ACE111715YM+H |
|
Podobny opis - ACE111715YM+H |