Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3V712ERTGR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TS3V712ERTGR
Szczegółowy opis  7-CHANNEL VIDEO SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS3V712ERTGR Arkusz danych(HTML) 1 Page - Texas Instruments

  TS3V712ERTGR Datasheet HTML 1Page - Texas Instruments TS3V712ERTGR Datasheet HTML 2Page - Texas Instruments TS3V712ERTGR Datasheet HTML 3Page - Texas Instruments TS3V712ERTGR Datasheet HTML 4Page - Texas Instruments TS3V712ERTGR Datasheet HTML 5Page - Texas Instruments TS3V712ERTGR Datasheet HTML 6Page - Texas Instruments TS3V712ERTGR Datasheet HTML 7Page - Texas Instruments TS3V712ERTGR Datasheet HTML 8Page - Texas Instruments TS3V712ERTGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
A0
A1
GND
VDD
A2
A3
A4
SEL1
A5
A6
GND
B0
C0
B1
C1
VDD
B2
C2
B3
C3
B4
C4
A0
A1
GND
VDD
A2
A3
A4
SEL1
A5
A6
GND
B0
C0
B1
C1
VDD
B2
C2
B3
C3
B4
C4
TS3V712E
www.ti.com
SCDS292 – JANUARY 2010
7-CHANNEL VIDEO SWITCH
Check for Samples: TS3V712E
1
FEATURES
32-Pin Quad Flat Pack No-Lead QFN(RTG)
Package
High Bandwidth (BW = 1.36 GHz)
Designed for 7-Channel VGA Signals (R,G,B,
APPLICATIONS
Hsync, Vsync, DDC Dat, and DDC CLK)
Notebook Computers
Separate Control Logic for Data and Control
Analog VGA Peripheral Ports
Signals
Operating Voltage: 3.3 V ±10%
RTG PACKAGE
(TOP VIEW)
Low and Flat ON-State Resistance
rON = 3 Ω
rON(flat) = 500 mΩ
Low Crosstalk (XTALK = –49.76 dB Typ at 250
MHz)
Low Input/Output Capacitance
CON = 7 pF, Typ
ESD Performance Tested
4-kV IEC61000-4-2, Contact Discharge on
Switch IOs
3-kV Human Body Model Per
JESD22-A114E
6-kV Human Body Model (Switch Pins to
GND)
Suitable for Both RGB and Composite-Video
The exposed center pad must be
Switching
connected to GND.
DESCRIPTION/ORDERING INFORMATION
The TS3V712E is a high-bandwidth, 7-channel video multiplexer/demultiplexer for switching between multiple
VGA sources or end points. The device is designed for ensuring video signal integrity and minimizing the video
signal attenuation by providing high bandwidth of 1.36 GHz.
The video signals are protected against high ESD with integrated diodes to VDD and GND that will support up to
6-kV of ESD HBM and 4-kV contact protection.
The TS3V712E is available in a 32-pin QFN package and is characterized for operation over the free-air
temperature range of –40°C to 85°C.
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
QFN – RTG
Tape and reel
TS3V712ERTGR
TF712E
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TS3V712ERTGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3V712ERTGR TI-TS3V712ERTGR Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
More results

Podobny opis - TS3V712ERTGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3V712E_1002 TI-TS3V712E_1002 Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
logo
Pericom Semiconductor C...
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
   3.3V, 7-Channel Analog Video Switch
logo
Texas Instruments
TS3V712EL TI1-TS3V712EL Datasheet
681Kb / 20P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
logo
Pericom Semiconductor C...
PI3V713 PERICOM-PI3V713 Datasheet
933Kb / 9P
   3.3V, 7-Channel Analog Video Switch with Automatic Switching
logo
Siemens Semiconductor G...
TDA6920 SIEMENS-TDA6920 Datasheet
1Mb / 20P
   7 x 5 Video Matrix Switch
logo
Asahi Kasei Microsystem...
AK4254 AKM-AK4254 Datasheet
349Kb / 22P
   Capacitor-less Video Amp with 7:2 Video Switch
logo
Texas Instruments
TS3V713EL TI1-TS3V713EL Datasheet
723Kb / 20P
[Old version datasheet]   7-CHANNEL, 1:2 VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
logo
Pericom Semiconductor C...
PI3V712-A PERICOM-PI3V712-A Datasheet
80Kb / 2P
   3.3V, 7-Channel Analog Video Switch with Dual Control Logic
logo
Asahi Kasei Microsystem...
AK4220 AKM-AK4220 Datasheet
552Kb / 33P
   7:3 Audio Switch and 6:3 Video Switch
logo
Hitachi Semiconductor
HA11513 HITACHI-HA11513 Datasheet
198Kb / 3P
   5 Channel Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com