Zakładka z wyszukiwarką danych komponentów |
|
TC1301B-DFAVUA Arkusz danych(PDF) 6 Page - Microchip Technology |
|
TC1301B-DFAVUA Arkusz danych(HTML) 6 Page - Microchip Technology |
6 / 28 page TC1301A/B DS21798C-page 6 © 2008 Microchip Technology Inc. 2.0 TYPICAL PERFORMANCE CURVES Note: Unless otherwise indicated, VIN = VR +1V, IOUT1 = IOUT2 = 100 µA, CIN = 4.7 µF, COUT1 = COUT2 = 1 µF (X5R or X7R), CBYPASS = 0 pF, SHDN1 = SHDN2 > VIH. For the TC1301A, VDET = VOUT1, RESET = OPEN, TA = +25°C. FIGURE 2-1: Quiescent Current vs. Input Voltage. FIGURE 2-2: SHDN Voltage Threshold vs. Input Voltage. FIGURE 2-3: Quiescent Current vs. Junction Temperature. FIGURE 2-4: Output Voltage vs. Input Voltage. FIGURE 2-5: Output Voltage vs. Input Voltage. FIGURE 2-6: Dropout Voltage vs. Output Current (VOUT1). Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 0 50 100 150 200 250 300 350 2.73.0 3.33.6 3.94.2 4.54.8 5.15.4 5.7 6.0 Input Voltage (V) VOUT2 SHDN VOUT2 Active TJ = 25°C IOUT1 = IOUT2 = 0 µA VOUT1 Active TC1301B 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 2.7 3 3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7 6 Input Voltage (V) ON OFF 40 50 60 70 80 90 100 110 120 130 140 -40 -25 -10 5 20 35 50 65 80 95 110 125 Junction Temperature (°C) VIN = 4.2V IOUT1 = IOUT2 = 0 µA VOUT1 Active VOUT2 SHDN VOUT2 Active TC1301B 2.60 2.70 2.80 2.90 3.00 2.7 3 3.33.6 3.94.2 4.54.8 5.15.4 5.7 6 Input Voltage (V) TJ = 25°C IOUT1 = 100 mA IOUT2 = 50 mA VOUT1 VOUT2 2.50 2.55 2.60 2.65 2.70 2.75 2.80 2.85 2.90 2.7 3 3.33.6 3.94.2 4.54.8 5.15.4 5.7 6 Input Voltage (V) TJ = +25°C IOUT1 = 300 mA IOUT2 = 100 mA VOUT1 VOUT2 0.0 20.0 40.0 60.0 80.0 100.0 120.0 140.0 0 50 100 150 200 250 300 IOUT1 (mA) VR1 = 2.8V VR2 = 2.6V IOUT2 = 100 µA TJ = - 40°C TJ = +25°C TJ = +125°C |
Podobny numer części - TC1301B-DFAVUA |
|
Podobny opis - TC1301B-DFAVUA |