Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS2GSD80I Arkusz danych(PDF) 8 Page - Transcend Information. Inc.

Numer części TS2GSD80I
Szczegółowy opis  80x Industrial Secure Digital Card
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCEND [Transcend Information. Inc.]
Strona internetowa  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GSD80I Arkusz danych(HTML) 8 Page - Transcend Information. Inc.

Back Button TS2GSD80I Datasheet HTML 3Page - Transcend Information. Inc. TS2GSD80I Datasheet HTML 4Page - Transcend Information. Inc. TS2GSD80I Datasheet HTML 5Page - Transcend Information. Inc. TS2GSD80I Datasheet HTML 6Page - Transcend Information. Inc. TS2GSD80I Datasheet HTML 7Page - Transcend Information. Inc. TS2GSD80I Datasheet HTML 8Page - Transcend Information. Inc. TS2GSD80I Datasheet HTML 9Page - Transcend Information. Inc. TS2GSD80I Datasheet HTML 10Page - Transcend Information. Inc. TS2GSD80I Datasheet HTML 11Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
T
T
TS
S
S1
1
1~
~
~2
2
2G
G
GS
S
SD
D
D8
8
80
0
0III
80x Industrial Secure Digital Card
Transcend Information Inc.
8
Output Hold time
tOH
2.5
ns
Total System capacitance for each line
CL
40
pF
Reliability and Durability
Temperature
Operation: -40°C / 85°C
Storage: -40°C (168h) / 85°C (500h)
Junction temperature: max. 95°C
Moisture and corrosion
Operation: 25°C / 95% rel. humidity
Storage: 40°C / 93% rel. hum./500h
Salt Water Spray: 3% NaCl/35C; 24h acc. MIL STD Method 1009
Durability
10.000 mating cycles
Bending
10N
Torque
0.15N.m or +/-2.5 deg
Drop test
1.5m free fall
UV light exposure
UV: 254nm, 15Ws/cm² according to ISO 7816-1
Visual inspection
Shape and form
No warpage; no mold skin; complete form; no cavities surface smoothness <= -0.1
mm/cm² within contour; no cracks; no pollution (fat, oil dust, etc.)
Minimum moving force of WP witch 40gf (Ensures that the WP switch will not slide while it is inserted to the connector.)
WP Switch cycles
minimum 1000 Cycles(@Slide force 0.4N to 5N)
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.


Podobny numer części - TS2GSD80I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS2GSD133 TRANSCEND-TS2GSD133 Datasheet
200Kb / 7P
   Secure Digital Card
logo
List of Unclassifed Man...
TS2GSD150 ETC2-TS2GSD150 Datasheet
351Kb / 17P
   2GB 150x Secure Digital Card
logo
Transcend Information. ...
TS2GSD150 TRANSCEND-TS2GSD150 Datasheet
356Kb / 17P
   2GB 150x Secure Digital Card
TS2GSDC TRANSCEND-TS2GSDC Datasheet
198Kb / 7P
   Secure Digital Card
TS2GSDG TRANSCEND-TS2GSDG Datasheet
793Kb / 7P
   Secure Digital Card
More results

Podobny opis - TS2GSD80I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AP-ISD256CS2A-1T ETC2-AP-ISD256CS2A-1T Datasheet
162Kb / 16P
   Industrial Secure Digital Card
logo
Apacer Technology Inc.
SD-H1-M APACER-SD-H1-M Datasheet
1Mb / 3P
   Apacer Industrial Secure Digital 3.0 card
SD-H1-SL APACER-SD-H1-SL Datasheet
912Kb / 3P
   Apacer Industrial Secure Digital 3.0 card
logo
Transcend Information. ...
TS512MSDC TRANSCEND-TS512MSDC Datasheet
198Kb / 7P
   Secure Digital Card
TS1GSDG TRANSCEND-TS1GSDG Datasheet
793Kb / 7P
   Secure Digital Card
TS2GSD133 TRANSCEND-TS2GSD133 Datasheet
200Kb / 7P
   Secure Digital Card
logo
Tyco Electronics
2041021 MACOM-2041021 Datasheet
151Kb / 3P
   SECURE DIGITAL CARD CONNECTOR
logo
Transcend Information. ...
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
logo
Adam Technologies, Inc.
SD-09-A-SG ADAM-TECH-SD-09-A-SG Datasheet
127Kb / 1P
   SECURE DIGITAL
logo
Red Lion Controls. Inc
RAM-6021 REDLION-RAM-6021 Datasheet
435Kb / 2P
   Secure Industrial Router
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com