Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS2GUSD-P3 Arkusz danych(PDF) 7 Page - Transcend Information. Inc.

Numer części TS2GUSD-P3
Szczegółowy opis  2GB microSD Card Reader P3
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCEND [Transcend Information. Inc.]
Strona internetowa  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GUSD-P3 Arkusz danych(HTML) 7 Page - Transcend Information. Inc.

Back Button TS2GUSD-P3 Datasheet HTML 3Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 4Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 5Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 6Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 7Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 8Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 9Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 10Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 11Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
T
T
TS
S
S2
2
2G
G
GU
U
US
S
SD
D
D---P
P
P3
3
3
2GB microSD Card + Reader P3
Transcend Information Inc.
7
Register Information
Within the card interface six registers are defined: OCR, CID, CSD, RCA, DSR and SCR. These can be accessed only
by corresponding commands (see Chapter 4.7). The OCR, CID, CSD and SCR registers carry the card/content
specific information, while the RCA and DSR registers are configuration registers storing actual configuration
parameters.
1. OCR register
The 32-bit operation conditions register stores the VDD voltage profile of the card. In addition, this
register includes a status information bit. This status bit is set if the card power up procedure has
been finished. The OCR register shall be implemented by the cards which do not support the full
operating voltage range of the SD Memory Card bus, or if the card power up extends the definition
in the timing diagram.
A voltage range is not supported if the corresponding bit value is set to LOW. As long as the card is busy, the


Podobny numer części - TS2GUSD-P3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS2GUSD TRANSCEND-TS2GUSD Datasheet
537Kb / 24P
   microSD Memory Card
More results

Podobny opis - TS2GUSD-P3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SparkFun Electronics
COM-13004 SPARKFUN-COM-13004 Datasheet
112Kb / 1P
   microSD USB Reader
8/3/2016
logo
Yamaichi Electronics Co...
PJS008T-0000-0 YAMAICHI-PJS008T-0000-0 Datasheet
300Kb / 1P
   microSD Card Reader - Hinge Type
logo
IOGEAR
GFR204SD IOGEAR-GFR204SD Datasheet
145Kb / 3P
   SD/MicroSD/MMC Card Reader/Writer
logo
Yamaichi Electronics Co...
PJS008-2100-0 YAMAICHI-PJS008-2100-0 Datasheet
118Kb / 1P
   microSD Card Reader - Push / Push (Top Mount)
PJS008-2300-0 YAMAICHI-PJS008-2300-0 Datasheet
119Kb / 1P
   microSD Card Reader - Push / Push (Top Mount)
PJS008U-3000-0 YAMAICHI-PJS008U-3000-0 Datasheet
109Kb / 1P
   microSD Card Reader - Manual Type (Vertical Mount)
logo
Transcend Information. ...
TS4GUSDHC6-P3 TRANSCEND-TS4GUSDHC6-P3 Datasheet
863Kb / 28P
   4/8GB microSDHC Class 6 Card Reader P3
logo
Kingston Technology Far...
MLPM KINGSTON-MLPM Datasheet
273Kb / 2P
   MOBILELITE PLUS microSD READER Next-Level Speed and Performance
logo
List of Unclassifed Man...
AP512MCSD ETC2-AP512MCSD Datasheet
94Kb / 12P
   microSD Card
logo
Yamaichi Electronics Co...
PJS008-1000 YAMAICHI-PJS008-1000 Datasheet
102Kb / 1P
   microSD Card Adapter (microSD-to-miniSD)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com