Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS16GJF2A Arkusz danych(PDF) 1 Page - Transcend Information. Inc.

Numer części TS16GJF2A
Szczegółowy opis  16GB USB2.0 JetFlash짰2A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCEND [Transcend Information. Inc.]
Strona internetowa  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS16GJF2A Arkusz danych(HTML) 1 Page - Transcend Information. Inc.

  TS16GJF2A Datasheet HTML 1Page - Transcend Information. Inc. TS16GJF2A Datasheet HTML 2Page - Transcend Information. Inc. TS16GJF2A Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
T
T
TS
S
S1
1
16
6
6G
G
GJ
J
JF
F
F2
2
2A
A
A
16GB USB2.0 JetFlash
®2A
Transcend Information Inc.
1
Description
TS16GJF2A is a 16GB USB Flash Drive with 4pcs of
4Gx8 Flash Memory assembled on printed circuit board.
Outline
Features
• Color: Silver
• USB Interface: Compliant with USB specification 2.0.
• No external power or battery needed
• LED indicates the usage status.
• JetFlash elite software pack includes (Windows
2000/XP/Vista/7 only):
Favorites Function: store all your favorite website addresses
on the JetFlash
®
AutoLogin Function: automatically login to websites where
you have a password
Secret-Zip Function: compress and/or password protect
saved files using AES 256bit encryption
PC-Lock Function: makes JetFlash
® a key to lock your
computer
E-Mail Function: use your JetFlash
® to securely send,
receive and save e-mails
DataBackup Function: backup, restore and synchronize your
data
Dimensions
Side
Millimeters
Inches
A
88 ± 1.00
3.47 ± 0.04
B
15 ± 1.00
0.59 ± 0.04
C
33 ± 1.00
1.30 ± 0.04


Podobny numer części - TS16GJF2A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS16GJF220 TRANSCEND-TS16GJF220 Datasheet
58Kb / 2P
   16GB USB2.0 JetFlash??20
More results

Podobny opis - TS16GJF2A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS2GJF2A TRANSCEND-TS2GJF2A Datasheet
75Kb / 3P
   2GB USB2.0 JetFlash짰2A
TS1GJF2A TRANSCEND-TS1GJF2A Datasheet
75Kb / 3P
   1GB USB2.0 JetFlash짰2A
TS4GJF2A TRANSCEND-TS4GJF2A Datasheet
74Kb / 3P
   4GB USB2.0 JetFlash짰2A
TS16GJF300 TRANSCEND-TS16GJF300 Datasheet
49Kb / 2P
   16GB USB2.0 JetFlash짰300
TS16GJFV33 TRANSCEND-TS16GJFV33 Datasheet
50Kb / 2P
   16GB USB2.0 JetFlash?줧33
TS16GJFV70 TRANSCEND-TS16GJFV70 Datasheet
53Kb / 2P
   16GB USB2.0 JetFlash?줧70
TS16GJFV85 TRANSCEND-TS16GJFV85 Datasheet
47Kb / 2P
   16GB USB2.0 JetFlash?줧85
TS16GJF220 TRANSCEND-TS16GJF220 Datasheet
58Kb / 2P
   16GB USB2.0 JetFlash??20
TS16GJFV60 TRANSCEND-TS16GJFV60 Datasheet
57Kb / 2P
   16GB USB2.0 JetFlash?줧60
TS16GJFV10 TRANSCEND-TS16GJFV10 Datasheet
89Kb / 2P
   16GB USB2.0 JetFlash?줧10
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com