Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS512MMC4 Arkusz danych(PDF) 1 Page - Transcend Information. Inc.

Numer części TS512MMC4
Szczegółowy opis  MMCplus memory card
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCEND [Transcend Information. Inc.]
Strona internetowa  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MMC4 Arkusz danych(HTML) 1 Page - Transcend Information. Inc.

  TS512MMC4 Datasheet HTML 1Page - Transcend Information. Inc. TS512MMC4 Datasheet HTML 2Page - Transcend Information. Inc. TS512MMC4 Datasheet HTML 3Page - Transcend Information. Inc. TS512MMC4 Datasheet HTML 4Page - Transcend Information. Inc. TS512MMC4 Datasheet HTML 5Page - Transcend Information. Inc. TS512MMC4 Datasheet HTML 6Page - Transcend Information. Inc. TS512MMC4 Datasheet HTML 7Page - Transcend Information. Inc. TS512MMC4 Datasheet HTML 8Page - Transcend Information. Inc. TS512MMC4 Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~4
4
4G
G
GM
M
MM
M
MC
C
C4
4
4
MMCplus
Transcend Information Inc.
1
Description
TS128MMC4 ~ TS4GMMC4 is a 128MB ~ 4GB
MMCplus memory card. It’s a fastest, low-power,
highly integration memory card. It is designed to
provide an inexpensive, mechanically robust storage
medium in card form for multimedia consumer
applications and mobile devices (handheld PCs,
digital cameras, MP3 players, etc.) to store, copy,
and move data at high-speed transfer rate.
Placement
Features
Storage Capacity: 128MB ~ 4GB
Operating Voltage: 2.7~3.6V
Support clock frequencies: 0~52MHz
Support different Bus width: x1, x4, x8
Operating Temperature: -25°C ~ 85°C
Data access mode: Byte mode
Fully compatible with MultiMediaCard system
specification version 4.0 and backwards compatibility
with previous specification
Form Factor: 32mm x 24mm x 1.4mm
Front
Back
Pin Definition
MMC Mode
SPI Mode
Pin No.
Name
Type
Description
Name
Type
Description
1
DAT3
I/O/PP
Data
CS
I
Chip select
2
CMD
I/O/PP/OD
Command/Response
DI
I/PP
Data in
3
VSS1
S
Ground
VSS
S
Ground
4
VDD
S
Power supply
VDD
S
Power supply
5
CLK
I
Clock
SCLK
I
Clock
6
VSS2
S
Ground
VSS2
S
Ground
7
DAT0
I/O/PP
Data
DO
O/PP
Data out
8
DAT1
I/O/PP
Data
Not used
9
DAT2
I/O/PP
Data
Not used
10
DAT4
I/O/PP
Data
Not used
11
DAT5
I/O/PP
Data
Not used
12
DAT6
I/O/PP
Data
Not used
13
DAT7
I/O/PP
Data
Not used
S: Power Supply; I:Input; O:Output; PP:Push-Pull; OD:Open-Drain; NC:Not Connected


Podobny numer części - TS512MMC4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS512MMC TRANSCEND-TS512MMC Datasheet
266Kb / 10P
   MultiMediaCard
More results

Podobny opis - TS512MMC4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS128MSDM TRANSCEND-TS128MSDM Datasheet
197Kb / 6P
   numiniSD Memory Card
logo
Apacer Technology Inc.
SU220-CFAST APACER-SU220-CFAST Datasheet
677Kb / 5P
   flash memory card
logo
Transcend Information. ...
TS256MUSD TRANSCEND-TS256MUSD Datasheet
537Kb / 24P
   microSD Memory Card
logo
Sharp Corporation
ID241 SHARP-ID241 Datasheet
22Kb / 1P
   Flash Memory Card
ID242 SHARP-ID242 Datasheet
1Mb / 33P
   Flash Memory Card
ID246 SHARP-ID246 Datasheet
2Mb / 38P
   Flash Memory Card
logo
Apacer Technology Inc.
SS220-CFAST APACER-SS220-CFAST Datasheet
787Kb / 5P
   flash memory card
SM220-CFAST APACER-SM220-CFAST Datasheet
676Kb / 5P
   flash memory card
SM230-CFAST APACER-SM230-CFAST Datasheet
1Mb / 4P
   flash memory card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
   CompactFlash Memory Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com