Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS256MMC Arkusz danych(PDF) 1 Page - Transcend Information. Inc.

Numer części TS256MMC
Szczegółowy opis  MultiMediaCard
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCEND [Transcend Information. Inc.]
Strona internetowa  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS256MMC Arkusz danych(HTML) 1 Page - Transcend Information. Inc.

  TS256MMC Datasheet HTML 1Page - Transcend Information. Inc. TS256MMC Datasheet HTML 2Page - Transcend Information. Inc. TS256MMC Datasheet HTML 3Page - Transcend Information. Inc. TS256MMC Datasheet HTML 4Page - Transcend Information. Inc. TS256MMC Datasheet HTML 5Page - Transcend Information. Inc. TS256MMC Datasheet HTML 6Page - Transcend Information. Inc. TS256MMC Datasheet HTML 7Page - Transcend Information. Inc. TS256MMC Datasheet HTML 8Page - Transcend Information. Inc. TS256MMC Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~2
2
2G
G
GM
M
MM
M
MC
C
C
MultiMediaCard
Transcend Information Inc.
1
Description
TS128MMC ~ TS2GMMC is a 128MB ~ 2GB
MultiMediaCard. It’s a highly integrated with flash
memory, and is accessed via a dedicated serial
interface
optimized
for
fast and reliable data
transmission.
It
is
designed
to
provide
an
inexpensive, mechanically robust storage medium in
card form for multimedia consumer applications and
mobile devices (handheld PCs, digital cameras, MP3
players, etc.) to store, copy, and move information
like a small hard drive.
Placement
Features
Storage Capacity: 128MB ~ 2GB
Operating Voltage: 2.7 ~ 3.6V
Operating Temperature: -25°C ~ 85°C
Fully compatible with MultiMediaCard system
specification version 3.x
Embedded data error correction
Low power consumption
Form Factor: 32mm x 24mm x 1.4mm
Front
Back
Pin Definition
MMC Mode
SPI Mode
Pin No.
Name
Type
Description
Name
Type
Description
1
RSV
NC
Reserved
CS
I
Chip select
2
CMD
I/O/PP/OD
Command/Response
DI
I/PP
Data in
3
VSS1
S
Ground
VSS
S
GND
4
VCC
S
Power supply
VDD
S
VCC
5
CLK
I
Clock
SCLK
I
Clock
6
VSS2
S
Ground
VSS2
S
GND
7
DAT
I/O/PP
Data
DO
O/PP
Data out
S: Power Supply; I:Input; O:Output; PP:Push-Pull; OD:Open-Drain; NC:Not Connected


Podobny numer części - TS256MMC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS256MMC4 TRANSCEND-TS256MMC4 Datasheet
338Kb / 11P
   MMCplus memory card
More results

Podobny opis - TS256MMC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12U064HACA SAMSUNG-MC12U064HACA Datasheet
1Mb / 66P
   MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com