Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS32MDOM40V Arkusz danych(PDF) 1 Page - Transcend Information. Inc.

Numer części TS32MDOM40V
Szczegółowy opis  40-Piin IDE Fllassh Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCEND [Transcend Information. Inc.]
Strona internetowa  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS32MDOM40V Arkusz danych(HTML) 1 Page - Transcend Information. Inc.

  TS32MDOM40V Datasheet HTML 1Page - Transcend Information. Inc. TS32MDOM40V Datasheet HTML 2Page - Transcend Information. Inc. TS32MDOM40V Datasheet HTML 3Page - Transcend Information. Inc. TS32MDOM40V Datasheet HTML 4Page - Transcend Information. Inc. TS32MDOM40V Datasheet HTML 5Page - Transcend Information. Inc. TS32MDOM40V Datasheet HTML 6Page - Transcend Information. Inc. TS32MDOM40V Datasheet HTML 7Page - Transcend Information. Inc. TS32MDOM40V Datasheet HTML 8Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
3
3
32
2
2M
M
MB
B
B ~
~
~ 6
6
64
4
4M
M
MB
B
B
Transcend Information Inc.
Ver 1.1
1
Description
With an IDE interface and strong data retention
ability, 40-Pin IDE Flash Modules are ideal for use in
the harsh environments where Industrial PCs,
Set-Top Boxes, etc. are used.
Placement
Features
RoHS compliant products
Storage Capacity: 32MB ~ 64MB
Operating Voltage: 3.3V or 5V
Operating Temperature: 0°C ~ 70°C
Endurance: 1,000,000 Program/Erase cycles
MTBF: 1,000,000 hours
Durability of Connector: 10,000 times
Fully compatible with devices and OS that support the
IDE standard (pitch = 2.54mm)
Built-in ECC function assures high reliability of data
transfer
Auto Sleep and Power-Down modes supported
Supports up to PIO mode 2
Dimensions
Side
Millimeters
Inches
A
61.00
± 0.40
2.402
± 0.016
B
27.10
± 0.50
1.067
± 0.020
C
7.10
± 0.20
0.280
± 0.008


Podobny numer części - TS32MDOM40V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS32MDOM44H TRANSCEND-TS32MDOM44H Datasheet
165Kb / 7P
   44-Pin IDE Flash Module
TS32MDOM44V TRANSCEND-TS32MDOM44V Datasheet
165Kb / 8P
   44-Pin IDE Flash Module
More results

Podobny opis - TS32MDOM40V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS128MDOM40V TRANSCEND-TS128MDOM40V Datasheet
1Mb / 52P
   40-Pin IDE Flash Module
TS128MDOM40V-S TRANSCEND-TS128MDOM40V-S Datasheet
723Kb / 34P
   40-Pin IDE Flash Module
TS128MDOM40H-S TRANSCEND-TS128MDOM40H-S Datasheet
908Kb / 39P
   40-Pin IDE Flash Module (Horizontal)
TS32MDOM44V TRANSCEND-TS32MDOM44V Datasheet
165Kb / 8P
   44-Pin IDE Flash Module
TS32MDOM44H TRANSCEND-TS32MDOM44H Datasheet
165Kb / 7P
   44-Pin IDE Flash Module
TS128MDOM44V-S TRANSCEND-TS128MDOM44V-S Datasheet
724Kb / 34P
   44-Pin IDE Flash Module
TS128MDOM44V TRANSCEND-TS128MDOM44V Datasheet
873Kb / 30P
   44-Pin IDE Flash Module
TS128MDOM44H-S TRANSCEND-TS128MDOM44H-S Datasheet
888Kb / 34P
   44-Pin IDE Flash Module(Horizontal)
TS128MDOM44H TRANSCEND-TS128MDOM44H Datasheet
287Kb / 9P
   44-Pin IDE Flash Module(Horizontal)
logo
Advantech Co., Ltd.
PCM-233B ADVANTECH-PCM-233B_12 Datasheet
1Mb / 1P
   SATA to IDE (44-pin) Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com