Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS16GSSD10-M Arkusz danych(PDF) 3 Page - Transcend Information. Inc.

Numer części TS16GSSD10-M
Szczegółowy opis  1.0??Solid State Disk
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCEND [Transcend Information. Inc.]
Strona internetowa  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS16GSSD10-M Arkusz danych(HTML) 3 Page - Transcend Information. Inc.

  TS16GSSD10-M Datasheet HTML 1Page - Transcend Information. Inc. TS16GSSD10-M Datasheet HTML 2Page - Transcend Information. Inc. TS16GSSD10-M Datasheet HTML 3Page - Transcend Information. Inc. TS16GSSD10-M Datasheet HTML 4Page - Transcend Information. Inc. TS16GSSD10-M Datasheet HTML 5Page - Transcend Information. Inc. TS16GSSD10-M Datasheet HTML 6Page - Transcend Information. Inc. TS16GSSD10-M Datasheet HTML 7Page - Transcend Information. Inc. TS16GSSD10-M Datasheet HTML 8Page - Transcend Information. Inc. TS16GSSD10-M Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
T
T
TS
S
S2
2
2G
G
GS
S
SS
S
SD
D
D1
1
10
0
0---M
M
M ~
~
~ T
T
TS
S
S3
3
32
2
2G
G
GS
S
SS
S
SD
D
D1
1
10
0
0---M
M
M
1.0” Solid State Disk
Transcend Information Inc.
V1.6
3
* Note : 25
℃, according to 44 pin to 40 pin IDE transferring cable test on ASUS M2N-MX, 1GB RAM, IDE interface support
UDMA4, Windows
® XP Version 2002 SP2, benchmark utility HDBENCH (version 3.4006), copied file 100MB
Actual Capacity
Model P/N
Capacity
Cylinder
Head
Sector
TS2GSSD10-M
2GB
3884
16
63
TS4GSSD10-M
4GB
7769
16
63
TS8GSSD10-M
8GB
15538
16
63
TS16GSSD10-M
16GB
33149
15
63
TS32GSSD10-M
32GB
66298
15
63
* Note: FAT32 format
Reliability
Data Reliability
13bit/1KB BCH ECC(2k+64 / 4k+128 byte per page flash)
24bit/1KB BCH ECC(4k+208 byte per page flash)
Data Retention
10 years
Connector Durability
10 times
MTBF
4,400,000 hours
Interface Specification
Drivers
No Device Driver Required
ATA/ATAPI 7
PIO Modes 0 - 4
Multiword mode 0 - 2
ATA Compatibility
UDMA Modes 0 - 5
Performance
Model P/N
Capacity
Read
Write
Random Read
Random Write
TS2GSSD10-M
2GB
35213
7867
33952
2151
TS4GSSD10-M
4GB
35371
12248
33602
2674
TS8GSSD10-M
8GB
47805
10586
45816
3431
TS16GSSD10-M
16GB
45169
12134
40943
3796
TS32GSSD10-M
32GB
43686
16756
41457
3567
Regulations
Compliance
CE, FCC and BSMI (T.B.D.)


Podobny numer części - TS16GSSD10-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS16GSSD25S-M TRANSCEND-TS16GSSD25S-M Datasheet
590Kb / 38P
   2.5??Solid State Disk
TS16GSSD25S-S TRANSCEND-TS16GSSD25S-S Datasheet
590Kb / 38P
   2.5??Solid State Disk
TS16GSSD34E-M TRANSCEND-TS16GSSD34E-M Datasheet
332Kb / 6P
   8GB~32GB ExpressCard34 SSD
More results

Podobny opis - TS16GSSD10-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS8GSSD25S-S TRANSCEND-TS8GSSD25S-S Datasheet
590Kb / 38P
   2.5??Solid State Disk
logo
Apacer Technology Inc.
SV240-300 APACER-SV240-300 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SU220-M242 APACER-SU220-M242 Datasheet
757Kb / 4P
   SSD (Solid-State Disk)
ST170-25 APACER-ST170-25 Datasheet
910Kb / 4P
   SSD (Solid-State Disk)
PV120-M280 APACER-PV120-M280 Datasheet
2Mb / 7P
   SSD (Solid-State Disk)
PV130-CFX APACER-PV130-CFX Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PV140-25 APACER-PV140-25 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SM210-300 APACER-SM210-300 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
SH250-25 APACER-SH250-25 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PT120-M280 APACER-PT120-M280 Datasheet
1Mb / 5P
   SSD (Solid-State Disk)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com