Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPGE23TP Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLPGE23TP
Szczegółowy opis  TOSHIBA InGaA?밣 LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLPGE23TP Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLPGE23TP Datasheet HTML 1Page - Toshiba Semiconductor TLPGE23TP Datasheet HTML 2Page - Toshiba Semiconductor TLPGE23TP Datasheet HTML 3Page - Toshiba Semiconductor TLPGE23TP Datasheet HTML 4Page - Toshiba Semiconductor TLPGE23TP Datasheet HTML 5Page - Toshiba Semiconductor TLPGE23TP Datasheet HTML 6Page - Toshiba Semiconductor TLPGE23TP Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLPGE23TP(F),TLFGE23TP(F),TLGE23TP(F),TLPYE23TP(F)
2005-09-12
1
TOSHIBA InGaAℓP LED
TLPGE23TP(F),TLFGE23TP(F),TLGE23TP(F),TLPYE23TP(F)
Panel Circuit Indicator
• Lead(Pb)-free products (lead: Sn-Ag-Cu)
• 5 mm package
• InGaAℓP technology
• All plastic mold type
• Transparent lens
• Lineup: 3 colors (pure green, green, pure yellow)
• High intensity light emission
• Excellent low current light output
• Stopper lead type is also available
TLPGE23T, TLFGE23T, TLGE23T, TLPYE23T
• Applications: traffic signals, safety equipment, etc.
Lineup
Product Name
Color
Material
TLPGE23TP(F)
Pure Green
TLFGE23TP(F)
Green
TLGE23TP(F)
Green
TLPYE23TP(F)
Pure Yellow
P
InGaAl
Maximum Ratings (Ta
= 25°C)
Product Name
Forward Current
IF (mA)
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operating
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLPGE23TP(F)
50
4
120
TLFGE23TP(F)
50
4
120
TLGE23TP(F)
50
4
120
TLPYE23TP(F)
50
4
120
−40~100
−40~120
Unit: mm
JEDEC
JEITA
TOSHIBA
Weight: 0.31 g
For part availability and ordering information please call Toll Free: 800.984.5337
Website: www.marktechopto.com | Email: info@marktechopto.com


Podobny numer części - TLPGE23TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
178Kb / 7P
   TOSHIBA InGaALP LED
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
206Kb / 7P
   Panel Circuit Indicator
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
217Kb / 7P
   Panel Circuit Indicator
TLPGE23TPF TOSHIBA-TLPGE23TPF Datasheet
206Kb / 7P
   Panel Circuit Indicator
TLPGE23TPF TOSHIBA-TLPGE23TPF Datasheet
217Kb / 7P
   Panel Circuit Indicator
More results

Podobny opis - TLPGE23TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TLRE60T MARKTECH-TLRE60T Datasheet
361Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRMH38TP MARKTECH-TLRMH38TP Datasheet
358Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRE50T MARKTECH-TLRE50T Datasheet
436Kb / 12P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLRH62T TOSHIBA-TLRH62T Datasheet
222Kb / 6P
   TOSHIBA InGaA?밣 LED
logo
Marktech Corporate
TLPGE19TP MARKTECH-TLPGE19TP Datasheet
389Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRE62T MARKTECH-TLRE62T Datasheet
436Kb / 12P
   TOSHIBA InGaA?밣 LED
TLRH30TP MARKTECH-TLRH30TP Datasheet
296Kb / 8P
   TOSHIBA InGaA?밣 LED
TLRH50T MARKTECH-TLRH50T Datasheet
248Kb / 8P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLRMH20T TOSHIBA-TLRMH20T Datasheet
167Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRE62T TOSHIBA-TLRE62T Datasheet
214Kb / 12P
   TOSHIBA InGaA ?밣 LED
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com