Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPGE23TP Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TLPGE23TP
Szczegółowy opis  TOSHIBA InGaA?밣 LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLPGE23TP Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TLPGE23TP Datasheet HTML 1Page - Toshiba Semiconductor TLPGE23TP Datasheet HTML 2Page - Toshiba Semiconductor TLPGE23TP Datasheet HTML 3Page - Toshiba Semiconductor TLPGE23TP Datasheet HTML 4Page - Toshiba Semiconductor TLPGE23TP Datasheet HTML 5Page - Toshiba Semiconductor TLPGE23TP Datasheet HTML 6Page - Toshiba Semiconductor TLPGE23TP Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLPGE23TP(F),TLFGE23TP(F),TLGE23TP(F),TLPYE23TP(F)
2005-09-12
2
Electrical and Optical Characteristics (Ta
= 25°C)
Typ. Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse Current
IR
Product Name
λd
λP
∆λ
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLPGE23TP(F)
558
(562)
14
20
850
3000
20
2.1
2.4
20
50
4
TLFGE23TP(F)
565
(568)
15
20
1530
5000
20
2.0
2.4
20
50
4
TLGE23TP(F)
571
(574)
17
20
2720
7000
20
2.0
2.4
20
50
4
TLPYE23TP(F)
580
(583)
14
20
2720
8000
20
2.0
2.4
20
50
4
Unit
nm
mA
mcd
mA
V
mA
µA
V
Precautions
Please be careful of the following:
• Soldering temperature: 260°C max, soldering time: 3 s max
(soldering portion of lead: up to 2 mm from the body of the device)
• If the lead is formed, the lead should be formed up to 5 mm from the body of the device without forming stress to
the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.


Podobny numer części - TLPGE23TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
178Kb / 7P
   TOSHIBA InGaALP LED
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
206Kb / 7P
   Panel Circuit Indicator
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
217Kb / 7P
   Panel Circuit Indicator
TLPGE23TPF TOSHIBA-TLPGE23TPF Datasheet
206Kb / 7P
   Panel Circuit Indicator
TLPGE23TPF TOSHIBA-TLPGE23TPF Datasheet
217Kb / 7P
   Panel Circuit Indicator
More results

Podobny opis - TLPGE23TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TLRE60T MARKTECH-TLRE60T Datasheet
361Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRMH38TP MARKTECH-TLRMH38TP Datasheet
358Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRE50T MARKTECH-TLRE50T Datasheet
436Kb / 12P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLRH62T TOSHIBA-TLRH62T Datasheet
222Kb / 6P
   TOSHIBA InGaA?밣 LED
logo
Marktech Corporate
TLPGE19TP MARKTECH-TLPGE19TP Datasheet
389Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRE62T MARKTECH-TLRE62T Datasheet
436Kb / 12P
   TOSHIBA InGaA?밣 LED
TLRH30TP MARKTECH-TLRH30TP Datasheet
296Kb / 8P
   TOSHIBA InGaA?밣 LED
TLRH50T MARKTECH-TLRH50T Datasheet
248Kb / 8P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLRMH20T TOSHIBA-TLRMH20T Datasheet
167Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRE62T TOSHIBA-TLRE62T Datasheet
214Kb / 12P
   TOSHIBA InGaA ?밣 LED
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com