Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPGE50T Arkusz danych(PDF) 1 Page - Marktech Corporate

Numer części TLPGE50T
Szczegółowy opis  TOSHIBA InGaA?밣 LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MARKTECH [Marktech Corporate]
Strona internetowa  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLPGE50T Arkusz danych(HTML) 1 Page - Marktech Corporate

  TLPGE50T Datasheet HTML 1Page - Marktech Corporate TLPGE50T Datasheet HTML 2Page - Marktech Corporate TLPGE50T Datasheet HTML 3Page - Marktech Corporate TLPGE50T Datasheet HTML 4Page - Marktech Corporate TLPGE50T Datasheet HTML 5Page - Marktech Corporate TLPGE50T Datasheet HTML 6Page - Marktech Corporate TLPGE50T Datasheet HTML 7Page - Marktech Corporate TLPGE50T Datasheet HTML 8Page - Marktech Corporate TLPGE50T Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TL(RE,RME,SE,OE,YE,PYE,GE,FGE,PGE)50T(F)
2005-09-13
1
TOSHIBA InGaAℓP LED
TLRE50T(F),TLRME50T(F),TLSE50T(F),TLOE50T(F),TLYE50T(F),
TLPYE50T(F),TLGE50T(F),TLFGE50T(F),TLPGE50T(F)
Panel Circuit Indicators
Lead(Pb)-free products (lead: Sn-Ag-Cu)
• φ3 mm package
• InGaAℓP technology
• All plastic mold type
• Transparent lens
Line-up: 6 colors (red, orange, yellow, pure yellow, green and pure
green)
• High intensity light emission
• Excellent low current light output
• Applications: message boards, security devices and dashboard
displays
Lineup
Unit: mm
JEDEC
JEITA
TOSHIBA
4-3E1A
Weight: 0.14 g
Product Name
Color
Material
TLRE50T(F)
Red
TLRME50T(F)
Red
TLSE50T(F)
Red
TLOE50T(F)
Orange
TLYE50T(F)
Yellow
TLPYE50T(F)
Pure Yellow
TLGE50T(F)
Green
TLFGE50T(F)
Green
TLPGE50T(F)
Pure Green
P
InGaAl
For part availability and ordering information please call Toll Free: 800.984.5337
Website: www.marktechopto.com | Email: info@marktechopto.com


Podobny numer części - TLPGE50T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLPGE50T TOSHIBA-TLPGE50T Datasheet
220Kb / 12P
   TOSHIBA InGaALP LED
TLPGE50T TOSHIBA-TLPGE50T Datasheet
284Kb / 12P
   Panel Circuit Indicators
TLPGE50TF TOSHIBA-TLPGE50TF Datasheet
284Kb / 12P
   Panel Circuit Indicators
More results

Podobny opis - TLPGE50T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TLRE60T MARKTECH-TLRE60T Datasheet
361Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRMH38TP MARKTECH-TLRMH38TP Datasheet
358Kb / 7P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLRH62T TOSHIBA-TLRH62T Datasheet
222Kb / 6P
   TOSHIBA InGaA?밣 LED
logo
Marktech Corporate
TLPGE19TP MARKTECH-TLPGE19TP Datasheet
389Kb / 7P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
388Kb / 7P
   TOSHIBA InGaA?밣 LED
logo
Marktech Corporate
TLRE62T MARKTECH-TLRE62T Datasheet
436Kb / 12P
   TOSHIBA InGaA?밣 LED
TLRH30TP MARKTECH-TLRH30TP Datasheet
296Kb / 8P
   TOSHIBA InGaA?밣 LED
TLRH50T MARKTECH-TLRH50T Datasheet
248Kb / 8P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLRMH20T TOSHIBA-TLRMH20T Datasheet
167Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRE62T TOSHIBA-TLRE62T Datasheet
214Kb / 12P
   TOSHIBA InGaA ?밣 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com