Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPGE62T Arkusz danych(PDF) 2 Page - Marktech Corporate

Numer części TLPGE62T
Szczegółowy opis  TOSHIBA InGaA?밣 LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MARKTECH [Marktech Corporate]
Strona internetowa  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLPGE62T Arkusz danych(HTML) 2 Page - Marktech Corporate

  TLPGE62T Datasheet HTML 1Page - Marktech Corporate TLPGE62T Datasheet HTML 2Page - Marktech Corporate TLPGE62T Datasheet HTML 3Page - Marktech Corporate TLPGE62T Datasheet HTML 4Page - Marktech Corporate TLPGE62T Datasheet HTML 5Page - Marktech Corporate TLPGE62T Datasheet HTML 6Page - Marktech Corporate TLPGE62T Datasheet HTML 7Page - Marktech Corporate TLPGE62T Datasheet HTML 8Page - Marktech Corporate TLPGE62T Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TL(RE,RME,SE,OE,YE,PYE,GE,FGE,PGE)62T(F)
2005-09-12
2
Maximum Ratings (Ta
= 25°C)
Product Name
Forward Current
IF (mA)
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operating
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLRE62T(F)
50
4
120
TLRME62T(F)
50
4
120
TLSE62T(F)
50
4
120
TLOE62T(F)
50
4
120
TLYE62T(F)
50
4
120
TLPYE62T(F)
50
4
120
TLGE62T(F)
50
4
120
TLFGE62T(F)
50
4
120
TLPGE62T(F)
50
4
120
−40~100
−40~120
Electrical and Optical Characteristics (Ta
= 25°C)
Typ. Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse Current
IR
Product Name
λd
λP
∆λ
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLRE62T(F)
630
(644)
20
20
47.6
120
20
1.9
2.4
20
50
4
TLRME62T(F)
626
(636)
23
20
47.6
180
20
1.9
2.4
20
50
4
TLSE62T(F)
613
(623)
20
20
85
200
20
1.9
2.4
20
50
4
TLOE62T(F)
605
(612)
20
20
153
350
20
2.0
2.4
20
50
4
TLYE62T(F)
587
(590)
17
20
85
250
20
2.0
2.4
20
50
4
TLPYE62T(F)
580
(583)
14
20
47.6
150
20
2.0
2.4
20
50
4
TLGE62T(F)
571
(574)
17
20
47.6
110
20
2.0
2.4
20
50
4
TLFGE62T(F)
565
(568)
15
20
27.2
70
20
2.0
2.4
20
50
4
TLPGE62T(F)
558
(562)
14
20
15.3
45
20
2.1
2.4
20
50
4
Unit
nm
mA
mcd
mA
V
mA
µA
V
Precautions
Please be careful of the following:
• Soldering temperature: 260°C max, soldering time: 3 s max
(soldering portion of lead: up to 2 mm from the body of the device)
• If the lead is formed, the lead should be formed up to 5 mm from the body of the device without forming stress to
the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.


Podobny numer części - TLPGE62T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLPGE62T TOSHIBA-TLPGE62T Datasheet
214Kb / 12P
   TOSHIBA InGaA ?밣 LED
TLPGE62T TOSHIBA-TLPGE62T Datasheet
285Kb / 12P
   Panel Circuit Indicators
TLPGE62TF TOSHIBA-TLPGE62TF Datasheet
285Kb / 12P
   Panel Circuit Indicators
More results

Podobny opis - TLPGE62T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TLRE60T MARKTECH-TLRE60T Datasheet
361Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRMH38TP MARKTECH-TLRMH38TP Datasheet
358Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRE50T MARKTECH-TLRE50T Datasheet
436Kb / 12P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLRH62T TOSHIBA-TLRH62T Datasheet
222Kb / 6P
   TOSHIBA InGaA?밣 LED
logo
Marktech Corporate
TLPGE19TP MARKTECH-TLPGE19TP Datasheet
389Kb / 7P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
388Kb / 7P
   TOSHIBA InGaA?밣 LED
logo
Marktech Corporate
TLRH30TP MARKTECH-TLRH30TP Datasheet
296Kb / 8P
   TOSHIBA InGaA?밣 LED
TLRH50T MARKTECH-TLRH50T Datasheet
248Kb / 8P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLRMH20T TOSHIBA-TLRMH20T Datasheet
167Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRE62T TOSHIBA-TLRE62T Datasheet
214Kb / 12P
   TOSHIBA InGaA ?밣 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com