Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM317E3 Arkusz danych(PDF) 2 Page - Cystech Electonics Corp.

Numer części LM317E3
Szczegółowy opis  Three Terminal Adjustable Output Positive Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM317E3 Arkusz danych(HTML) 2 Page - Cystech Electonics Corp.

  LM317E3 Datasheet HTML 1Page - Cystech Electonics Corp. LM317E3 Datasheet HTML 2Page - Cystech Electonics Corp. LM317E3 Datasheet HTML 3Page - Cystech Electonics Corp. LM317E3 Datasheet HTML 4Page - Cystech Electonics Corp. LM317E3 Datasheet HTML 5Page - Cystech Electonics Corp. LM317E3 Datasheet HTML 6Page - Cystech Electonics Corp. LM317E3 Datasheet HTML 7Page - Cystech Electonics Corp. LM317E3 Datasheet HTML 8Page - Cystech Electonics Corp. LM317E3 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C513E3
Issued Date : 2003.04.09
Revised Date :2005.05.17
Page No. : 2/10
LM317E3
CYStek Product Specification
Electrical Characteristics(VI-VO=5V,IO=0.5A,TJ=0 to 125℃, unless otherwise noted)
Characteristics
Symbol Conditions
Min
Typ
Max
Unit
Line Regulation(Note 1)
Reg line
TA=25℃,3.0V≤VI-VO≤40V
-
0.01
0.04
%/V
Load Regulation(Note 1)
Reg load TA=25℃,10mA≤IO≤1.5A
VO≤5.0V
VO≥5.0V
-
-
5.0
0.1
25
0.5
mV
%VO
Thermal Regulation(Note 4) Reg therm TA=25℃, 20ms pulse
-
0.03
0.07
%VO/W
Adjust Pin Current
IAdj
-
50
100
µA
Adjust Pin Current Change ∆IAdj
2.5V≤VI-VO≤40V,10mA≤IL≤1.5A
PD≤20W
-
0.2
5.0
µA
Reference Voltage
Vref
3.0V≤VI-VO≤40V,10mA≤IO≤1.5A
PD≤20W
1.2
1.25
1.3
V
Temperature Stability
Ts
0≤TJ≤125℃
-
0.7
-
%VO
Minimum Load Current to
maintain Regulation
ILmin
VI-VO=40V
-
3.5
10
mA
Maximum Output Current Imax
VI-VO≤15V,PD≤20W
VI-VO≤40V,PD≤20W,TA=25℃
1. 5
0.15
2.2
0.4
-
-
A
RMS Noise
N
% of VO,TA=25℃,10Hz≤f≤10kHz
-
0.003
-
%VO
Ripple Rejection(Note 2)
RR
VO=10V,f=120Hz
Without CAdj
CAdj=10µF
-
66
65
80
-
-
dB
Long-Term Stability(Note 3) S
TJ=125℃,TA=25℃ for endpoint
measurements
-
0.3
1.0
%/1.0k
Hrs
Notes:1.Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty cycle is used.
2.CAdj, when used, is connected between the adjustment pin and ground.
3.Since long-term stability cannot be measured on each device before shipment, this specification is an engineering
estimate of average stability from lot to lot.
4.Power dissipation within an IC voltage regulator produces a temperature gradient on the die, affecting individual IC
components on the die. These effects can be minimized by proper integrated circuit design and layout techniques.
Thermal regulation is the effect of these temperature gradients on the output voltage and is expressed in percentage
of output change per watt of power change in a specified time.


Podobny numer części - LM317E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Components Intern...
LM317E FCI-LM317E Datasheet
538Kb / 9P
   LM317-3 Terminal Adjustable Output Positive Voltage Regulators
logo
National Semiconductor ...
LM317EMP NSC-LM317EMP Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM317EMP NSC-LM317EMP Datasheet
1,013Kb / 28P
   3-Terminal Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317EMP TGS-LM317EMP Datasheet
406Kb / 7P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
Texas Instruments
LM317EMP TI1-LM317EMP Datasheet
3Mb / 38P
[Old version datasheet]   LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
More results

Podobny opis - LM317E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317LA3 CYSTEKEC-LM317LA3 Datasheet
353Kb / 12P
   Three Terminal Adjustable Output Positive Voltage Regulators
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Eorex Corporation
EP1017 EOREX-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL317F3 CYSTEKEC-PL317F3 Datasheet
191Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
IK Semicon Co., Ltd
IL317 IKSEMICON-IL317 Datasheet
299Kb / 5P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Eorex Corporation
EP1017 EOREX-EP1017_15 Datasheet
382Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com