Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX55B30 Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części BZX55B30
Szczegółowy opis  500mW, 2% Tolerance SMD Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX55B30 Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZX55B30 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX55B30 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX55B30 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZX55B2V4-BZX55B75
500mW, 2% Tolerance SMD Zener Diode
Small Signal Diode
VZ Tolerance Selection of ±2%
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
ESD rating 15KV per human body model
Min
Max
Min
Max
0.45
0.55
0.018 0.022
Case : DO-35 package (SOD-27)
3.05
5.08
0.120 0.200
High temperature soldering guaranteed : 260°C/10s
25.40 38.10 1.000 1.500
Polarity : Indicated by cathode band
1.53
2.28
0.060 0.090
Weight : 109 ± 4 mg
Package
DO-35
DO-35
Maximum Ratings and Electrical Characteristics
Maximum Ratings
IF=10mA
VBR
: Voltage at IZK
IZK
: Test current for voltage VBR
ZZK
: Dynamic impedance at IZK
IZT
: Test current for voltage VZ
VZ
: Voltage at current IZT
ZZT
: Dynamic impedance at IZT
IZM
: Maximum steady state current
VZM
: Voltage at IZM
BZX55BXXX R0
10Kpcs / 14" Reel
Ordering Information
Part No.
Packing
BZX55BXXX A0
5Kpcs / Ammo
C
D
Rating at 25°C ambient temperature unless otherwise specified.
Notes:1. Valid provided that electrodes are kept at ambient temperature, and mount on PC board 50mmx50mmx1.6mm
Units
PD
VF
mW
Power Dissipation
Symbol
Zener I vs. V Characteristics
V
Thermal Resistance (Junction to Ambient) (Note 1)
RθJA
240
°C/W
Forward Voltage
1.0
TJ, TSTG
°C
Type Number
-65 to + 200
Value
500
Junction and Storage Temperature Range
Features
Mechanical Data
Wide zener voltage range selection : 2.4V to 75V
All External Surfaces are Corrosion Resistant and
Leads are Readily Solderable
Unit (inch)
A
B
DO-35 Axial Lead
HERMETICALLY SEALED GLASS
Dimensions
Unit (mm)
Voltage
Current
IF
VF
VR
IR
VBR
IZK
VZ
IZT
VZM
IZM
Forward Region
Leakage Region
BreakdownRegion
A
B
C
D
Version : B09


Podobny numer części - BZX55B30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BZX55B30 VISHAY-BZX55B30 Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZX55B30 NJSEMI-BZX55B30 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX55B30 VISHAY-BZX55B30 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
EIC discrete Semiconduc...
BZX55B30 EIC-BZX55B30 Datasheet
41Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
BZX55B30 VISHAY-BZX55B30 Datasheet
103Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 25-Nov-11
More results

Podobny opis - BZX55B30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4_14 Datasheet
187Kb / 6P
   500mW , 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com