Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD-300CBL2-C5-MT Arkusz danych(PDF) 3 Page - Marktech Corporate

Numer części LD-300CBL2-C5-MT
Szczegółowy opis  SPECIFICATION FOR COTCO LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MARKTECH [Marktech Corporate]
Strona internetowa  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LD-300CBL2-C5-MT Arkusz danych(HTML) 3 Page - Marktech Corporate

  LD-300CBL2-C5-MT Datasheet HTML 1Page - Marktech Corporate LD-300CBL2-C5-MT Datasheet HTML 2Page - Marktech Corporate LD-300CBL2-C5-MT Datasheet HTML 3Page - Marktech Corporate LD-300CBL2-C5-MT Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
Format #: COTCO-D-074
REV.4
Document No.
SPE/LD-300CBL2-C5-MT
Rev. No.
04
Ranks Combination ((IIFF =
= 1
10
00
0m
mA
A))
Lamps are sorted to Luminous flux
–lm, VF & Dominant Wavelength –λD bins shown.
Orders for LD-300CBL2-C5-MT may be filled with any or all bins contained as below.
All Luminous flux
–lm, VF & Dominant Wavelength –λD values shown and specified are at IF =100mA.
*B+
X
X3
3--X
X4
4
X
X5
5--X
X6
6
5
5..2
2 llm
m
G or above
4
4 llm
m
F
3
3 llm
m
E
2
2..2
2 llm
m
D
1
1..5
5 llm
m
C
1
1 llm
m
B
4
46
60
0 n
nm
m
4
46
68
8n
nm
m
4
47
76
6 n
nm
m
*B+ indicates Luminous Flux is at B bin or above.
Forward Voltage (VF)
Rank
V5a
V5b
V6a
V6b
V7a
V7b
V8a
V8b
Voltage
3.2-3.4V
3.4-3.6V
3.6-3.8V
3.8-4.0V
4.0-4.2V
4.2-4.4V
4.4-4.6V
4.6-4.8V
W
Wa
av
ve
elle
en
ntth
h Voltage (Wd)
Rank
X3
X4
X5
X6
Wavelength (nm)
460-464nm
464-468nm
468-472nm
472-476nm
IIm
mp
po
orrtta
an
ntt N
No
otte
es
s::
1) All ranks will be included per delivery; rank ratio will be based on Dices distribution.
2) Pb content < 1000PPM.
3) Tolerance of measurement of luminous flux is
±10%
4) Tolerance of measurement of dominant wavelength is
±1nm.
5) Tolerance of measurement of Vf is
±0.1 V.
6) Packaging methods are available for selection, please refer to PACKAGING STANDARD.
7) Please refer to LED LAMP RELIABILITY TEST STANDARD for reliability test conditions.
8) Please refer to APPLICATION NOTES for Application Notes.
Dominant Wavelength (λD)


Podobny numer części - LD-300CBL2-C5-MT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
LD-300CBG2-C5 CREE-LD-300CBG2-C5 Datasheet
310Kb / 5P
   Mini-Dorado LED
LD-300CBGL2-C5 CREE-LD-300CBGL2-C5 Datasheet
325Kb / 5P
   Mini-Dorado LED
More results

Podobny opis - LD-300CBL2-C5-MT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
LC512THR1-25Q MARKTECH-LC512THR1-25Q Datasheet
111Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566AYL4-70G-MT MARKTECH-LO566AYL4-70G-MT Datasheet
63Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566PBL4-70H-MT MARKTECH-LO566PBL4-70H-MT Datasheet
47Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566TYL4-70G-MT MARKTECH-LO566TYL4-70G-MT Datasheet
68Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LS1-TRO1-01-MT MARKTECH-LS1-TRO1-01-MT Datasheet
190Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
logo
Cree, Inc
LC503PBG1-30Q-A3 CREE-LC503PBG1-30Q-A3 Datasheet
168Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
logo
List of Unclassifed Man...
LC512TWN1-25G-A1 ETC2-LC512TWN1-25G-A1 Datasheet
165Kb / 5P
   SPECIFICATION FOR COTCO LED LAMP
logo
Marktech Corporate
LC503AHR2-30Q-A-MT MARKTECH-LC503AHR2-30Q-A-MT Datasheet
225Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LC503AYL1-15P-A-MT MARKTECH-LC503AYL1-15P-A-MT Datasheet
229Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LC512TYL1-25Q-A-MT MARKTECH-LC512TYL1-25Q-A-MT Datasheet
188Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com