Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES-2212R-VSAE Arkusz danych(PDF) 2 Page - Advantech Co., Ltd.

Numer części ES-2212R-VSAE
Szczegółowy opis  12.1 Open Frame and Rugged Panel Mount Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADVANTECH [Advantech Co., Ltd.]
Strona internetowa  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ES-2212R-VSAE Arkusz danych(HTML) 2 Page - Advantech Co., Ltd.

  ES-2212R-VSAE Datasheet HTML 1Page - Advantech Co., Ltd. ES-2212R-VSAE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
Ordering Information
P/N
Type
Brightness (cd/m2) Interface
Touchscreen
Touch Interface
Anti-Reflection
ES-2112G-VSAE
Open Frame
400
VGA
Tempered Glass
N/A
N/A
ES-2112R-VSAE
Open Frame
400
VGA
5-Wire Resistive
RS-232/USB
N/A
ES-2112C-VSAE
Open Frame
400
VGA
Capacitive
RS-232
N/A
ES-2112R-VXME
Open Frame
350
VGA
5-Wire Resistive
RS-232/USB
ES-2112R-LSA-05E
Open Frame
400
LVDS
5-Wire Resistive
RS-232/USB
N/A
ES-2212R-VSAE
Rugged panel mount
400
VGA
5-Wire Resistive
RS-232/USB
N/A
ES-2212C-VSA-SRE
Rugged panel mount
400
VGA
Capacitive
RS-232
Yes
ES-2112C-VSA-HE
Open Frame
1000
VGA
Capacitive
RS-232
Yes
ES-2112V-VXM-HE
Open Frame
1000
VGA
Infrared
RS-232
Yes
Notes:
1.) Capacitive, SAW and Infrared touch panels are recommended for applications requiring sunlight readable outdoor solutions.
2.) The list above is of major part numbers for your reference. Other combinations of LCD, touchscreen and signal interface features can be found in the Advantech Display Solutions. The
Selection Wizard (http://www.advantech.com.tw/ePlatform/DS/DisplaySolution.asp) or CTOS services can be used to get your demand configuration and part numbers to us for ordering.
3.) For special requests, we welcome you to use the Display Solution DTOS service.
ES-2112/2212
ES-2112
ES-2212
(Resistive
T/S)
49.36
337.0
38.1
75.0
3.36
355.0
120.0
120.0
53.5
49.36
3.36
249.0
CUT OUT
249.05
CUT OUT
50.0
4.0
(Capactiv
e T/S)
3.7
49.7
(SAW
T/S)
9.0
55.0
(Infra
Red
Vandal
Proof
T/S)
120.0
120.0
53.2
M3 TAP
120.0
53.2
120.0
M3 TAP
(For AUO panel)
(For Mitsubishi panel)
341.00
10.00
29.70
58.70
291.00
313.39


Podobny numer części - ES-2212R-VSAE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
ES-2210 ADVANTECH-ES-2210 Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
ES-2210C-VSA-SRE ADVANTECH-ES-2210C-VSA-SRE Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
ES-2210R-VSAE ADVANTECH-ES-2210R-VSAE Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
ES-2215 ADVANTECH-ES-2215 Datasheet
353Kb / 2P
   15 Open Frame and Rugged Panel Mount Monitor
ES-2215C-VXA-SRE ADVANTECH-ES-2215C-VXA-SRE Datasheet
353Kb / 2P
   15 Open Frame and Rugged Panel Mount Monitor
More results

Podobny opis - ES-2212R-VSAE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
ES-2108 ADVANTECH-ES-2108 Datasheet
331Kb / 2P
   8.4 Open Frame and Rugged Panel Mount Monitor
ES-2119 ADVANTECH-ES-2119 Datasheet
318Kb / 2P
   19 Open Frame and Rugged Panel Mount Monitor
ES-2217 ADVANTECH-ES-2217 Datasheet
83Kb / 2P
   17" Open Frame and Rugged Panel Mount Monitor
ES-2206 ADVANTECH-ES-2206 Datasheet
78Kb / 2P
   6.5" Open Frame and Rugged Panel Mount Monitor
ES-2106 ADVANTECH-ES-2106 Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2115 ADVANTECH-ES-2115 Datasheet
353Kb / 2P
   15 Open Frame and Rugged Panel Mount Monitor
ES-2117 ADVANTECH-ES-2117 Datasheet
333Kb / 2P
   17 Open Frame and Rugged Panel Mount Monitor
ES-2110 ADVANTECH-ES-2110 Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
logo
Axiomtek Co., Ltd.
LD-121 AXIOMTEK-LD-121 Datasheet
129Kb / 1P
   12.1 Industrial Open Frame LCD Monitor
logo
AZ Displays
AOM121S AZDISPLAYS-AOM121S Datasheet
2Mb / 18P
   SPECIFICATIONS FOR 12.1??OPEN FRAME MONITOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com