Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES-3115C-VXAE Arkusz danych(PDF) 1 Page - Advantech Co., Ltd.

Numer części ES-3115C-VXAE
Szczegółowy opis  15 Industrial LCD Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADVANTECH [Advantech Co., Ltd.]
Strona internetowa  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ES-3115C-VXAE Arkusz danych(HTML) 1 Page - Advantech Co., Ltd.

  ES-3115C-VXAE Datasheet HTML 1Page - Advantech Co., Ltd. ES-3115C-VXAE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Display Solutions
Features
15" LCD supports 1024 x 768 pixels
Multiple touchscreen options for different applications
Versatile mounting brackets
Open-frame architecture with Embedded LCD touch panel
Supports full-function OSD control keys to optimize the display
Sunlight readable (optional)
Ultra-high brightness up to 1000 cd/m2 (optional)
ES-3115
15" Industrial LCD Monitor
Introduction
The Advantech Industrial Open Frame Monitor series is equipped with a touchscreen input device, mainly for use in self-service Kiosk applications. The ES-3115 is a 15" LCD
monitor, adaptable to different touchscreens: Resistive, Capacitive, SAW and Infrared or tempered glass and Vandal proof glass. Its mechanical enclosure is made of strengthened
steel to withstand harsh environments.
Specifications
Processor System
I/O Ports
15-pin D-Sub, DC power input, RS-232 port, Power switch
Display Input Signal
Analog RGB, 0.7 VP-P/75 Ohm
Multi-Scan Mode
Supports VGA/SVGA/XGA
Refresh Rates
FH: 30 ~ 60 KHz, FV: 56 ~ 75 Hz
OSD Control
Key : Provides auto-tune/menu/decrease/increase
Function: Supports Brightness/Contrast/Clock/Phase/Horizontal Position/Vertical Position/Sharpness
Power
External 45 W power adaptor, with AC 100 ~ 240 V @ 1.2 A input and DC +12 V @ 3.75 A output
Dimensions (W x H x D)
414 x 322.2 x 50 mm (16.30" x 12.69" x 1.97")
Weight
4.1 kg / 9.04 lbs
Environment
Operating Temperature
-0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F) for standard LCDs
Humidity
5 ~ 95% @ 40° C, non-condensing
Shock
10 G peak acceleration (11 ms duration)
EMC Approved
CE, FCC
Safety Approved
UL
Display
Feature
Standard / (OEM)
Sunlight Readable
Size
15"
15"
Resolution (Pixels)
1024 x 768 XGA
1024 x 768 XGA
Number of Colors
262 K
262 K
Viewing Angle (L/R/U/D)
60°/60°/40°/60°
70°/70°/70°/50°
Brightness (cd/m2)
350
350
Contrast Ratio
500:1
500:1
Response Time (ms)
12
12
Lamp Life (hrs)
50,000
50,000
Long-term Support
Yes
Yes
Transflective
N/A
Yes
Touchscreen
Type
Analog Resistive
Capacitive
SAW
Infrared
Thickness
3.48 mm
3.18 mm
2.7 mm
3.0 mm
Resolution
4096 x 4096
1024 x 1024
4096 x 4096
4096 x 4096
Light Transmission
80%
85%
92%
92%
Controller Interface
RS-232/USB
RS-232
RS-232/USB
RS-232/USB
Power Consumption
+5 V @ 200 mA
+5 V @ 100 mA
+5 V @ 75 mA
+5 V @ 150 mA
Durability (touches)
35 million hrs
225 million hrs
50 million hrs
MTBF 100,000 hrs
Driver OS Support
DOS, Linux, Mac, Windows 95/98/NT/ME/CE/2000/XP
RoHS
COMPLIANT
2002/95/EC


Podobny numer części - ES-3115C-VXAE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
ES-3112 ADVANTECH-ES-3112 Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
ES-3112C-VSAE ADVANTECH-ES-3112C-VSAE Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
ES-3112C-VSS-SRE ADVANTECH-ES-3112C-VSS-SRE Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
ES-3112G-VSAE ADVANTECH-ES-3112G-VSAE Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
ES-3112R-VSAE ADVANTECH-ES-3112R-VSAE Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
More results

Podobny opis - ES-3115C-VXAE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
LD-150 AXIOMTEK-LD-150 Datasheet
132Kb / 1P
   15 Industrial Open Frame LCD Monitor
P6153LPR-AC-U AXIOMTEK-P6153LPR-AC-U Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
P6153LPR-AC-RS AXIOMTEK-P6153LPR-AC-RS Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
P6153PR-24VDC-U-V3-RC AXIOMTEK-P6153PR-24VDC-U-V3-RC Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
LS-320 AXIOMTEK-LS-320 Datasheet
104Kb / 1P
   Industrial LCD Monitor
LS-420 AXIOMTEK-LS-420 Datasheet
115Kb / 1P
   Industrial LCD Monitor
LS-270 AXIOMTEK-LS-270 Datasheet
67Kb / 1P
   Industrial LCD Monitor
logo
Advantech Co., Ltd.
ES-3112 ADVANTECH-ES-3112 Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
logo
Axiomtek Co., Ltd.
P6151 AXIOMTEK-P6151_17 Datasheet
283Kb / 2P
   15 XGA TFT Industrial LCD Monitor with Digital IO
logo
DFI Inc
IDP150-MS DFI-IDP150-MS Datasheet
151Kb / 2P
   15" Industrial Touch Monitor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com