Zakładka z wyszukiwarką danych komponentów |
|
TS25P04G Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
TS25P04G Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 2 page TS25P01G - TS25P07G Symbol TS25P 01G TS25P 02G TS25P 03G TS25P 04G TS25P 05G TS25P 06G TS25P 07G Units VRRM 50 100 200 400 600 800 1000 V VRMS 35 70 140 280 420 560 700 V VDC 50 100 200 400 600 800 1000 V I(AV) A IFSM A I2tA2S VF V IR uA Cj pF RθJC oC/W TJ OC TSTG OC 140 Typical Junction Capacitance per leg (Note 1) Maximum Instantaneous Forward Voltage @ 12.5A @ 25.0A Maximum Average Forward Rectified Current @ T c = 100oC UL Recoganized File # E-326243 1.0 1.1 Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers Glass passivated junction High case dielectric strength of 2500VRMS Plastic material has Underwriters laboratory flammability Classification 94V-0 TS6P Features Ideal for printed circuit board Mechanical Data High temperature soldering guaranteed: 260℃ / 10 seconds at 5 lbs., ( 2.3 kg ) tension High surge current capability to 200A Typical Thermal Resistance (Note 2) Peak Forward Surge Current, 8.3 ms Single Half Sine- wave Superimposed on Rated Load (JEDEC method ) Terminal : Pure tin plated , Lead free. Leads solderable per MIL-STD-202 Method 208 Maximum DC Blocking Voltage Maximum Recurrent Peak Reverse Voltage Case : Molded plastic body Weight : 7.15 grams (0.252 ounce) Operating Temperature Range Storage Temperature Range Note 1 : Measured at 1MHz and applied Reverse bias of 4.0V DC. 2. Device mounted on 4" x 5" x 0.25" Al-plate heat sink, 0.6 -55 to +150 -55 to +150 Typical IR less than 0.1uA Rating of fusing ( t < 8.3mS ) 373 Maximum DC Reverse Current @ TA=25℃ at Rated DC Blocking Voltage @ TA=125℃ 25.0 300 10 500 Dimension in inches and (millimeter) Green compound with suffix “G” on packing code & prefix “G” on datecode. Mounting Torque : 8.17 in-lbs Max. Maximum RMS Voltage Maximum Ratings and Electrical Characteristics Rating at 25℃ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number Pb RoHS COMPLIANCE RoHS COMPLIANCE 1 of 2 Version : D09 |
Podobny numer części - TS25P04G |
|
Podobny opis - TS25P04G |