Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS1937 Arkusz danych(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Numer części TS1937
Szczegółowy opis  Boost (Step-up) WLED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1937 Arkusz danych(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS1937 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1937 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1937 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1937 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1937 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1937 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1937 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1937 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS1937
Boost (Step-up) WLED Driver
5/8
Version: C07
Application Information (Continue)
Reference Design Information
VIN Range
(V)
VOUT Max.
(V)
L (uH)
LED
(Series)
Current
(mA)
Resistor
(Ω)
Efficiency
(%)
5
36
22
6pcs
20
4.75
83.5
9
36
33
11pcs
20
4.75
84.2
12
36
47
12pcs
20
4.75
84.3
15
36
68
12pcs
20
4.75
84.6
LED Dimming Control
There are some different types of dimming control circuits:
1. Using a PWM Signal to SHDN Pin
With the PWM signal applied to the SHDN pin, the TS1937 is turned on or off by the PWM signal. The LEDs operate at
either zero or full current. The average LED current increases proportionally with the duty cycle of the PWM signal. A
0% duty cycle will turn off the TS1937 and corresponds to zero LED current. A 100% duty cycle corresponds to full
current. The typical frequency range of the PWM signal is 1kHz to 10kHz.
The magnitude of the PWM signal should be higher than the minimum SHDN voltage high.
For some applications, the preferred method of brightness control is a variable DC voltage to adjust the LED current.
The dimming control using a DC voltage is shown in Figure 4. As the DC voltage increases, the voltage drop on R2
increases and the voltage drop on R1 decreases. Thus, the LED current decreases. The selection of R2 and R3 will
make the current from the variable DC source much smaller than the LED current and much larger than the FB pin bias
current. For VDC range from 0V to 2V, the selection of resistors in Figure 4 gives dimming control of LED current from
0mA to 20mA.
Dimming Control using a DC Voltage
VDC(V)
VFB
Iout(mA)
2
0
0
1.8
2.2
0.43
1.6
9.2
1.8
1.4
19.6
3.6
1.2
31.1
6
1
43.4
8.5
0.8
63
12.3
0.6
74
14.5
0.4
86.4
16.9
0.2
96.9
19
0
102
20


Podobny numer części - TS1937

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370CX6RF TSC-TS19370CX6RF Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370CX6RF TSC-TS19370CX6RF Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results

Podobny opis - TS1937

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
   High Efficiency 38V Step-Up WLED Driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
   Asynchronies Boost WLED Driver
VER 1.1
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
   43V Asynchronous Boost WLED Driver
logo
Global Mixed-mode Techn...
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com