Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3410 Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części TS3410
Szczegółowy opis  1A / 1.5MHz Synchronous Buck Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3410 Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS3410 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3410 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3410 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3410 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3410 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3410 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3410 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS3410
1A / 1.5MHz Synchronous Buck Converter
1/7
Version: A08
SOT-25
General Description
TS3410 is a high efficiency monolithic synchronous buck regulator using a constant frequency, current mode
architecture. The device is available in an adjustable version. Supply current with no load is 350uA and drops to <1uA
in shutdown. The 2.5V to 6.5V input voltage range makes TS3410 ideally suited for single Li-Ion, two to four AA
battery-powered applications. 100% duty cycle provides low dropout operation, extending battery life in portable
systems. PWM pulse skipping mode operation provides very low output ripple voltage for noise sensitive applications.
Switching frequency is internally set at 1.5MHz, allowing the use of small surface mount inductors and capacitors. The
internal synchronous switch increases efficiency and decreases need of an external Schottky diode. Low output
voltages are easily supported with the 0.6V feedback reference voltage.
Application
Cellular Phones
Digital Still Cameras
Portable Electronics
USB Devices
Features
High Efficiency: Up to 96%
2.5V to 6.5V Input Voltage Range
Short Circuit Protection (SCP)
1.5MHz Constant Frequency Operation
Low Dropout Operation: 100% Duty Cycle
0.6V Reference Allows Low Output Voltages
1A Output Current at VIN=3V & VOUT=1.8V
Low Quiescent Current: 350uA
No Schottky Diode Required in Application
≤1uA Shutdown Current
Current Mode Operation for Excellent Line and Load
Transient Response
Ordering Information
Part No.
Package
Packing
TS3410CX5 RF
SOT-25
3Kpcs/ 7” Reel
Pin Description
Name
Description
EN
Power-off pin
H:normal operation
L:Step-down operation stopped
(All circuits deactivated)
GND
Ground pin
SW
Switch output pin. Connect external inductor
here. Minimize trace area at this pin to
reduce EMI.
VCC
IC power supply pin
FB
Output Feedback pin
Application Circuit
Pin Definition:
1. EN
2. Ground
3. Switching Output
4. Input
5. Feedback


Podobny numer części - TS3410

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS3410CX5RF TSC-TS3410CX5RF Datasheet
463Kb / 10P
   1A / 1.4MHz Synchronous Buck Converter
TS3410 TSC-TS3410_10 Datasheet
463Kb / 10P
   1A / 1.4MHz Synchronous Buck Converter
More results

Podobny opis - TS3410

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHANGHAI BELLING CO., L...
BL8024 BELLING-BL8024 Datasheet
593Kb / 6P
   1A 1.5MHz 6V Synchronous Buck Converter
BL8025 BELLING-BL8025 Datasheet
595Kb / 6P
   1A 1.5MHz 6V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE721G ACE-ACE721G Datasheet
551Kb / 11P
   5V 1A, 1.5MHz Synchronous Buck Converter
VER 1.1
logo
Anpec Electronics Corop...
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7178 ANPEC-APW7178 Datasheet
274Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7505 ANPEC-APW7505 Datasheet
286Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7506C ANPEC-APW7506C Datasheet
309Kb / 20P
   1.5MHz, 1A Synchronous Buck Regulator
APW7178A ANPEC-APW7178A Datasheet
266Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104 ANPEC-APW7104 Datasheet
288Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com