Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS13003MV Arkusz danych(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Numer części TS13003MV
Szczegółowy opis  High Voltage NPN Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS13003MV Arkusz danych(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS13003MV Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS13003MV Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS13003MV Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS13003MV Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS13003MV Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS13003MV Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS13003MV
High Voltage NPN Transistor
2/6
Version: G07
Electrical Specifications (Tc = 25ºC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
IC = 1mA, IE = 0, t=300uS
800
--
--
Collector-Base Voltage
IC = 1mA, IE = 0,
Tc=125ºC, t=2uS
BVCBO
830
--
--
V
IC = 1mA, IB = 0, t=300uS
830
--
--
Collector-Emitter Sustaning Voltage
IC = 1mA, IB = 0,
Tc=125ºC, t=2uS
BVCES
830
--
--
V
Collector-Emitter Breakdown Voltage
IC = 10mA, IB = 0
BVCEO
400
--
--
V
Emitter-Base Breakdown Voltage
IE = 1mA, IC = 0
BVEBO
9
--
--
V
Collector-Emitter Cutoff Current
VCE = 400V, IB = 0
ICEO
--
--
1
uA
Collector Cutoff Current
VCB = 800V, IE = 0
ICBO
--
--
1
uA
Emitter Cutoff Current
VEB = 9V, IC = 0
IEBO
--
0.1
1
uA
Collector-Emitter Saturation Voltage
IC / IB = 0.5A / 0.1A
IC / IB = 1.0A / 0.25A
IC / IB = 1.5A / 0.5A
VCE(SAT)1
VCE(SAT)2
VCE(SAT)3
--
--
--
0.2
0.35
0.6
0.5
0.8
1.5
V
Base-Emitter Saturation Voltage
IC / IB = 0.5A / 0.1A
IC / IB = 1.0A / 0.25A
VBE(SAT)1
VBE(SAT)2
--
--
--
--
1.1
1.3
V
DC Current Gain
VCE = 2V, IC = 10mA
VCE = 2V, IC = 400mA
VCE = 2V, IC = 1A
hFE1
hFE2
hFE3
15
20
6
--
--
--
--
40
20
DC Current Gain
VCE = 2V, IC = 400mA,
Tc=120ºC
hFE4
15
--
25
Dynamic
Frequency
VCE = 10V, IC = 0.1A
fT
4
--
--
MHz
Output Capacitance
VCB = 10V, f = 0.1MHz
Cob
--
21
--
pF
Resistive Load Switching Time (Ratings)
Delay Time
td
--
0.1
0.2
uS
Rise Time
tr
--
0.6
1
uS
Storage Time
tSTG
--
2
4
uS
Fall Time
VCC = 125V, IC = 1A,
IB1 = IB2 = 200mA,
tp = 25uS, Tc=25ºC
Duty Cycle ≤1%
tf
--
0.2
0.6
uS
Delay Time
td
--
0.10
0.13
uS
Rise Time
tr
--
0.38
0.51
uS
Storage Time
tSTG
--
0.34
0.43
uS
Fall Time
VCC = 125V, IC = 0.4A,
IB1 = 15mA, IB2 = 150mA,
tp = 25uS, Tc=25 ºC
Duty Cycle ≤ 1%
tf
--
0.03
0.05
uS
Delay Time
td
--
0.13
--
uS
Rise Time
tr
--
0.66
--
uS
Storage Time
tSTG
--
0.25
--
uS
Fall Time
VCC = 125V, IC = 0.4A,
IB1 = 15mA, IB2 = 150mA,
tp = 25uS, Tc=120 ºC
Duty Cycle ≤ 1%,
tf
--
0.05
--
uS
Note: pulse test: pulse width ≤300uS, duty cycle ≤2%


Podobny numer części - TS13003MV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS13003 TSC-TS13003 Datasheet
62Kb / 3P
   High Voltage NPN Transistor
TS13003 TSC-TS13003 Datasheet
336Kb / 6P
   High Voltage NPN Transistor
TS13003 TSC-TS13003 Datasheet
157Kb / 5P
   High Voltage NPN Transistor
TS13003A TSC-TS13003A Datasheet
45Kb / 3P
   High Voltage NPN Transistor
TS13003ACKB0G TSC-TS13003ACKB0G Datasheet
388Kb / 5P
   High Voltage NPN Transistor
More results

Podobny opis - TS13003MV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com