Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS19373 Arkusz danych(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Numer części TS19373
Szczegółowy opis  800mA Buck (Step-down) WLED Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19373 Arkusz danych(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS19373 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19373 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19373 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19373 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19373 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19373 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19373 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS19373
800mA Buck (Step-down) WLED Driver
4/7
Version: A09
Typical Application Circuit
Typical Application Circuit – LED Tube
Bill of Materials:
Designation
Description
Package
Manufacture
Remark
LED Driver
TS19373CX5
SOT-25
TSC
--
D1,2,3,4,5
SS14L
SMA
TSC
1A, 40V
L1
100uH
--
Generic
Isat > 500mA
R1
0.5Ω
1206
Generic
--
Cin
10uF
805
Generic
Ceramic
C1
200pF
805
Generic
Ceramic
C2
100uF
Generic
Tantalum or Electrolysis * AC Input
Input Voltage vs. Efficiency
Reference Design Information
VIN Range
(V)
L
(uH)
LED
(Series)
Current
(mA)
Efficiency
(%)
12
68
3pcs
300
89
24
100
7pcs
300
90


Podobny numer części - TS19373

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS19373CX5RF TSC-TS19373CX5RF Datasheet
259Kb / 9P
   800mA Buck (Step-down) WLED Driver
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
   800mA Buck (Step-down) WLED Driver
More results

Podobny opis - TS19373

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
   800mA Buck (Step-down) WLED Driver
TS19378 TSC-TS19378_15 Datasheet
274Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19377 TSC-TS19377 Datasheet
140Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19378 TSC-TS19378 Datasheet
131Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
   Buck (Step-down) WLED Driver with External Switch
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
logo
Monolithic Power System...
EV2105DJ-00A MPS-EV2105DJ-00A Datasheet
161Kb / 4P
   800mA Synchronous Buck Step-Down Converter
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Advanced Analogic Techn...
AAT1110 ANALOGICTECH-AAT1110_06 Datasheet
698Kb / 19P
   Fast Transient 800mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com