Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5174 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD5174
Szczegółowy opis  Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5174 Arkusz danych(HTML) 4 Page - Analog Devices

  AD5174 Datasheet HTML 1Page - Analog Devices AD5174 Datasheet HTML 2Page - Analog Devices AD5174 Datasheet HTML 3Page - Analog Devices AD5174 Datasheet HTML 4Page - Analog Devices AD5174 Datasheet HTML 5Page - Analog Devices AD5174 Datasheet HTML 6Page - Analog Devices AD5174 Datasheet HTML 7Page - Analog Devices AD5174 Datasheet HTML 8Page - Analog Devices AD5174 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5174
Rev. 0 | Page 4 of 20
Parameter
Symbol
Test Conditions/Comments
Min
Typ1
Max
Unit
DYNAMIC CHARACTERISTICS4, 10
Bandwidth
−3 dB, RAW = 5 kΩ, Terminal W, see Figure 24
700
kHz
Total Harmonic Distortion
VA = 1 V rms, f = 1 kHz, RAW = 5 kΩ
−90
dB
Resistor Noise Density
RWB = 5 kΩ, TA = 25°C, f = 10 kHz
13
nV/√Hz
1 Typical specifications represent average readings at 25°C, VDD = 5 V, and VSS = 0 V.
2 Resistor position nonlinearity error (R-INL) is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from the ideal between successive tap positions.
3 The maximum current in each code is defined by IAW = (VDD − 1)/RAW.
4 Guaranteed by design and not subject to production test.
5 See Figure 9 for more details.
6 Resistor Terminal A and Resistor Terminal W have no limitations on polarity with respect to each other. Dual-supply operation enables ground referenced bipolar
signal adjustment.
7 Different from operating current; the supply current for the fuse program lasts approximately 55 ms.
8 Different from operating current; the supply current for the fuse read lasts approximately 500 ns.
9 PDISS is calculated from (IDD × VDD) + (ISS × VSS).
10 All dynamic characteristics use VDD = +2.5 V, VSS = −2.5 V.
INTERFACE TIMING SPECIFICATIONS
VDD = 2.7 V to 5.5 V, VSS = 0 V; VDD = 2.5 V, VSS = −2.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Limit1
Unit
Test Conditions/Comments
t12
20
ns min
SCLK cycle time
t2
10
ns min
SCLK high time
t3
10
ns min
SCLK low time
t4
15
ns min
SYNC to SCLK falling edge setup time
t5
5
ns min
Data setup time
t6
5
ns min
Data hold time
t7
1
ns min
SCLK falling edge to SYNC rising edge
t83
400
ns min
Minimum SYNC high time
t9
15
ns min
SYNC rising edge to next SCLK fall ignored
t104
450
ns max
SCLK rising edge to SDO valid
tMEMORY_READ
6
μs max
Memory readback execute time
tMEMORY_PROGRAM
350
ms max
Memory program time
tRESET
600
μs max
Reset OTP restore time
tPOWER-UP5
2
ms max
Power-on 50-TP restore time
1 All input signals are specified with tr = tf = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
2 Maximum SCLK frequency is 50 MHz.
3 Refer to t
MEMORY_READ
and tMEMORY_PROGRAM for memory commands operations.
4 RPULL_UP = 2.2 kΩ to VDD with a capacitance load of 168 pF.
5 Maximum time after VDD − VSS is equal to 2.5 V.


Podobny numer części - AD5174

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD517 AD-AD517 Datasheet
312Kb / 6P
   Low Cost, Laser Trimmed, Precision IC Op Amp
REV. A
AD5170 AD-AD5170 Datasheet
900Kb / 24P
   256-Position Two-Time Programmable I2C Digital Potentiometer
REV. A
AD5170BRM10 AD-AD5170BRM10 Datasheet
900Kb / 24P
   256-Position Two-Time Programmable I2C Digital Potentiometer
REV. A
AD5170BRM10-RL7 AD-AD5170BRM10-RL7 Datasheet
900Kb / 24P
   256-Position Two-Time Programmable I2C Digital Potentiometer
REV. A
AD5170BRM100 AD-AD5170BRM100 Datasheet
900Kb / 24P
   256-Position Two-Time Programmable I2C Digital Potentiometer
REV. A
More results

Podobny opis - AD5174

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5175 AD-AD5175 Datasheet
1Mb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5270 AD-AD5270 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com