Zakładka z wyszukiwarką danych komponentów |
|
AD7195BCPZ-RL7 Arkusz danych(PDF) 10 Page - Analog Devices |
|
AD7195BCPZ-RL7 Arkusz danych(HTML) 10 Page - Analog Devices |
10 / 44 page AD7195 Rev. 0 | Page 10 of 44 Pin No. Mnemonic Description 20 BPDSW Bridge Power-Down Switch to AGND. 21 AGND Analog Ground Reference Point. 22 DGND Digital Ground Reference Point. 23 AVDD Analog Supply Voltage, 4.75 V to 5.25 V. AVDD is independent of DVDD. 24 DVDD Digital Supply Voltage, 2.7 V to 5.25 V. DVDD is independent of AVDD. 25 SYNC Logic input that allows for synchronization of the digital filters and analog modulators when using a number of AD7195 devices. While SYNC is low, the nodes of the digital filter, the filter control logic, and the calibration control logic are reset, and the analog modulator is also held in its reset state. SYNC does not affect the digital interface but does reset RDY to a high state if it is low. SYNC has a pull-up resistor internally to DVDD. 26 NC No Connect. This pin should be tied to AGND. 27 DOUT/RDY Serial Data Output/Data Ready Output. DOUT/RDY serves a dual purpose. It functions as a serial data output pin to access the output shift register of the ADC. The output shift register can contain data from any of the on-chip data or control registers. In addition, DOUT/RDY operates as a data ready pin, going low to indicate the completion of a conversion. If the data is not read after the conversion, the pin goes high before the next update occurs. The DOUT/RDY falling edge can be used as an interrupt to a processor, indicating that valid data is available. With an external serial clock, the data can be read using the DOUT/RDY pin. With CS low, the data-/control-word information is placed on the DOUT/RDY pin on the SCLK falling edge and is valid on the SCLK rising edge. 28 DIN Serial Data Input to the Input Shift Register on the ADC. Data in this shift register is transferred to the control registers in the ADC, with the register selection bits of the communications register identifying the appro- priate register. 29 MCLK1 When the master clock for the device is provided externally by a crystal, the crystal is connected between MCLK1 and MCLK2. 30 MCLK2 Master Clock Signal for the Device. The AD7195 has an internal 4.92 MHz clock. This internal clock can be made available on the MCLK2 pin. The clock for the AD7195 can be provided externally also in the form of a crystal or external clock. A crystal can be tied across the MCLK1 and MCLK2 pins. Alternatively, the MCLK2 pin can be driven with a CMOS-compatible clock and the MCLK1 pin left unconnected. 31 SCLK Serial Clock Input. This serial clock input is for data transfers to and from the ADC. The SCLK has a Schmitt- triggered input, making the interface suitable for opto-isolated applications. The serial clock can be continuous with all data transmitted in a continuous train of pulses. Alternatively, it can be a noncontinuous clock with the information transmitted to or from the ADC in smaller batches of data. 32 CS Chip Select Input. This is an active low logic input used to select the ADC. CS can be used to select the ADC in systems with more than one device on the serial bus or as a frame synchronization signal in communicating with the device. CS can be hardwired low, allowing the ADC to operate in 3-wire mode with SCLK, DIN, and DOUT used to interface with the device. |
Podobny numer części - AD7195BCPZ-RL7 |
|
Podobny opis - AD7195BCPZ-RL7 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |