Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DBF8038S230HW Arkusz danych(PDF) 1 Page - Dubilier

Numer części DBF8038S230HW
Szczegółowy opis  AC COOLING FAN 80x80x38mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DUBILIER [Dubilier]
Strona internetowa  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBF8038S230HW Arkusz danych(HTML) 1 Page - Dubilier

  DBF8038S230HW Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
292
AC COOLING FAN
80x80x38mm
SPECIFICATION
EXTERNAL DIMENSIONS
PERFORMANCE CURVE
ORDERING INFORMATION
DBF
8038
B
115
M
Dubilier
Fans
Size
80x80x38mm
Bearing
B=Ball
S=Sleeve
G=Oil
Voltage
115=115vac
230=230vac
Airflow
H=High
M=Medium
T
Lead Type
T=Terminal
W=Wires
Voltage: 115 & 230 VAC
Bearing options: Ball, Sleeve or Oil Bearing
Material on housing: Aluminium Alloy Housing
Airflow range: 24 CFM
Suitable for PSU, Racks and Test Instruments
Part No.
Bearing
Voltage/Freq(V/Hz)
Current(A) Power (W) Speed(RPM) Air flow(CFM ) Pressure(mmAq)
Noise(dB/A) Weight(g)
DBF8038x115H
Ball, Sleeve, Oil
115/50
0.13
8.98
2300
24.0
2.73
25.3
309
DBF8038x115M
Ball, Sleeve, Oil
115/50
0.08
5.42
2300
24.0
2.73
25.3
309
DBF8038x230H
Ball, Sleeve, Oil
230/50
0.07
8.80
2300
24.0
2.73
25.3
309
DBF8038x230M Ball, Sleeve, Oil
230/50
0.05
6.80
2300
24.0
2.73
25.3
309
Impeller: Plastic (UL;94V-0)
Lead Wire: UL1430 AWG22
Protection: Current Limit
Operating Temp:-10˚to 70˚C


Podobny numer części - DBF8038S230HW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dubilier
DBF8025B115MT DUBILIER-DBF8025B115MT Datasheet
130Kb / 1P
   AC COOLING FAN 80x80x25mm
DBF8025B115MW DUBILIER-DBF8025B115MW Datasheet
130Kb / 1P
   AC COOLING FAN 80x80x25mm
DBF8025B12H DUBILIER-DBF8025B12H Datasheet
132Kb / 1P
   DC COOLING FAN 80x80x25mm
DBF8025B12HA DUBILIER-DBF8025B12HA Datasheet
132Kb / 1P
   DC COOLING FAN 80x80x25mm
DBF8025B12HS DUBILIER-DBF8025B12HS Datasheet
132Kb / 1P
   DC COOLING FAN 80x80x25mm
More results

Podobny opis - DBF8038S230HW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Qualtek Electronics Cor...
FAA1-08038 QUALTEK-FAA1-08038 Datasheet
1Mb / 1P
   80x80x38mm AC AXIAL FAN
logo
CoolCox Limited All rig...
CC8038 COOLCOX-CC8038 Datasheet
385Kb / 1P
   DC Axial Fan 80x80x38mm
logo
Dubilier
DBF8025B115MT DUBILIER-DBF8025B115MT Datasheet
130Kb / 1P
   AC COOLING FAN 80x80x25mm
DBF17250B115MT DUBILIER-DBF17250B115MT Datasheet
181Kb / 1P
   AC COOLING FAN 172x150x50mm
DBF12025B115MT DUBILIER-DBF12025B115MT Datasheet
151Kb / 1P
   AC COOLING FAN 120x120x25mm
DBF9225B115MT DUBILIER-DBF9225B115MT Datasheet
132Kb / 1P
   AC COOLING FAN 92x92x25mm
DBF12038B115MT DUBILIER-DBF12038B115MT Datasheet
195Kb / 1P
   AC COOLING FAN 120x120x38mm
logo
Qualtek Electronics Cor...
FAD1-08038 QUALTEK-FAD1-08038 Datasheet
1Mb / 1P
   80x80x38mm DC AXIAL FAN
logo
List of Unclassifed Man...
4E-230B-17-T ETC2-4E-230B-17-T Datasheet
330Kb / 1P
   AC COOLING FAN 4E 119x119x38 mm
logo
Dubilier
DBF12025B12H DUBILIER-DBF12025B12H Datasheet
142Kb / 1P
   DC COOLING FAN 120x120x25mm
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com