Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT827DB Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74ABT827DB
Szczegółowy opis  10-bit buffer/line driver; non-inverting; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT827DB Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74ABT827DB Datasheet HTML 3Page - NXP Semiconductors 74ABT827DB Datasheet HTML 4Page - NXP Semiconductors 74ABT827DB Datasheet HTML 5Page - NXP Semiconductors 74ABT827DB Datasheet HTML 6Page - NXP Semiconductors 74ABT827DB Datasheet HTML 7Page - NXP Semiconductors 74ABT827DB Datasheet HTML 8Page - NXP Semiconductors 74ABT827DB Datasheet HTML 9Page - NXP Semiconductors 74ABT827DB Datasheet HTML 10Page - NXP Semiconductors 74ABT827DB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
74ABT827_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 24 February 2010
7 of 14
NXP Semiconductors
74ABT827
10-bit buffer/line driver; non-inverting; 3-state
VM = 1.5 V
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
3-state enable and disable times
001aal293
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VOH − 0.3 V
VOL + 0.3 V
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OEn input
VI
VOL
VOH
3.5 V
VM
GND
GND
tPZL
tPZH
VM
VM
a. Input pulse definition
b. Test circuit
Test data and VEXT levels are given in Table 8.
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = Test voltage for switching times.
Fig 7.
Test circuit for measuring switching times
001aai298
VM
VM
tW
tW
10 %
90 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
90 %
10 %
10 %
tf
tr
tr
tf
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Table 8.
Test data
Input
Load
VEXT
VI
fI
tW
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
3.0 V
1 MHz
500 ns
≤ 2.5 ns
50 pF
500
open
open
7.0 V


Podobny numer części - 74ABT827DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT827DB PHILIPS-74ABT827DB Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
More results

Podobny opis - 74ABT827DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74F827 NXP-74F827 Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
MB2827 PHILIPS-MB2827 Datasheet
94Kb / 8P
   Dual 10-bit buffer/line driver; non-inverting 3-State
August 27, 1993
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ALVCH16827 PHILIPS-74ALVCH16827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Jul 27
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74ALVT16827 PHILIPS-74ALVT16827_15 Datasheet
102Kb / 16P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 03-2 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com