Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A-20GQ21 Arkusz danych(PDF) 5 Page - Omron Electronics LLC

Numer części A-20GQ21
Szczegółowy opis  Snap Action Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A-20GQ21 Arkusz danych(HTML) 5 Page - Omron Electronics LLC

  A-20GQ21 Datasheet HTML 1Page - Omron Electronics LLC A-20GQ21 Datasheet HTML 2Page - Omron Electronics LLC A-20GQ21 Datasheet HTML 3Page - Omron Electronics LLC A-20GQ21 Datasheet HTML 4Page - Omron Electronics LLC A-20GQ21 Datasheet HTML 5Page - Omron Electronics LLC A-20GQ21 Datasheet HTML 6Page - Omron Electronics LLC A-20GQ21 Datasheet HTML 7Page - Omron Electronics LLC A-20GQ21 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Snap Action Switch
A
23
Note: 1. All drawings show the switches with screw terminals. For solder terminals, remove the “-B” from the end of the part number
2. Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
4.9
17.9
20.2
28.3R
14.7 OP
PT
24.56
±0.25
* Stainless-steel lever
t = 1 *
Short Hinge Lever
A-20GV21-B
4.9
17.9
20.2
63.5R
14.7 OP
PT
24.56
±0.25
* Stainless-steel lever
t = 1 *
Hinge Lever
A-20GV-B
17.9
20.2
14.7
OP
PT
24.56
±0.25
* Stainless-steel lever
9.5 dia.
× 4
(plastic roller)
t = 1 *
Short Hinge Roller Lever
A-20GV22-B
17.9
20.2
14.7
OP
PT
48.4R
24.56
±0.25
* Stainless-steel lever
9.5 dia.
× 4
(plastic roller)
t = 1 *
Hinge Roller Lever
A-20GV2-B


Podobny numer części - A-20GQ21

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pentair plc. All rights...
A-20 PENTAIR-A-20 Datasheet
193Kb / 2P
   OPAQUE FILTER HOUSING
logo
List of Unclassifed Man...
A-20-LC-7-T ETC1-A-20-LC-7-T Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-20-LC-T2 ETC1-A-20-LC-T2 Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-20-LC-TR ETC1-A-20-LC-TR Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-20-LC-TT ETC1-A-20-LC-TT Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
More results

Podobny opis - A-20GQ21

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com