Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A-20GV-K Arkusz danych(PDF) 3 Page - Omron Electronics LLC

Numer części A-20GV-K
Szczegółowy opis  Snap Action Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A-20GV-K Arkusz danych(HTML) 3 Page - Omron Electronics LLC

  A-20GV-K Datasheet HTML 1Page - Omron Electronics LLC A-20GV-K Datasheet HTML 2Page - Omron Electronics LLC A-20GV-K Datasheet HTML 3Page - Omron Electronics LLC A-20GV-K Datasheet HTML 4Page - Omron Electronics LLC A-20GV-K Datasheet HTML 5Page - Omron Electronics LLC A-20GV-K Datasheet HTML 6Page - Omron Electronics LLC A-20GV-K Datasheet HTML 7Page - Omron Electronics LLC A-20GV-K Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Snap Action Switch
A
21
Engineering Data
■ Mechanical Durability (A-20G)
■ Electrical Durability (A-20G)
■ Structure
Contact Form (SPDT)
Dimensions
Note: Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
■ Terminals
Screw Terminals (-B)
Solder Terminal (Blank)
Note: Appropriate terminal screw tightening torque: 0.78 to 1.18 N·m.
■ Mounting Holes
All switches can be mounted using M4 mounting screws with plane
washers or spring washers to securely mount the Switch. Tighten the
screws to a torque of 1.18 to 1.47 N·m.
Versions with panel mount plungers can be panel mounted via the
plunger, provided that the hexagonal nut of the actuator is tightened
to a torque of 2.94 to 4.9 N·m.
Note: Mount using either the side mounting holes or the panel mount plunger, not both. If using the side mounting holes, then remove the hexagonal nut(s)
from the panel mount plunger.
50
70
100
30
10
500
700
1,000
300
0.2
0.1
0.4
0.6
0.8
0.3
0.5
0.7
0
Overtravel (mm)
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%RH
Without load
Operating frequency:
240 operations/min
50
70
100
30
10
500
700
1,000
300
525
10
15
20
0
Switching current (A)
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%RH
Operating frequency:
20 operations/min
250 VAC, cos
φ = 0.4
250 VAC,
cos
φ = 1
125 VAC, cos
φ = 1
125 VAC,
cos
φ = 0.4
COM
NC
NO
COM
NO
NC
13
2
17.45
±0.2
49.2
9.2
20
20
Three, M4
× 5.5
Terminal screws
(with toothed washer)
COM
NO
NC
1
2
3
11.9
6.4
49.2
25.4
±0.1
17.45
±0.2
25.4
±0.1
Two, 4.2 dia. mounting
holes or M4
Panel Mount Plunger
Panel Mount Roller Plunger
12.5
dia.
+ 0.2
0
12.5
dia.
13
+ 0.2
0
+ 0.2
0
+ 0.2
0
5
Accessories (Terminal Covers, and Separators): Refer to ‘Z/A/X/DZ Common Accessories’ datasheet


Podobny numer części - A-20GV-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pentair plc. All rights...
A-20 PENTAIR-A-20 Datasheet
193Kb / 2P
   OPAQUE FILTER HOUSING
logo
List of Unclassifed Man...
A-20-LC-7-T ETC1-A-20-LC-7-T Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-20-LC-T2 ETC1-A-20-LC-T2 Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-20-LC-TR ETC1-A-20-LC-TR Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-20-LC-TT ETC1-A-20-LC-TT Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
More results

Podobny opis - A-20GV-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com