Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A-20GV2S-B Arkusz danych(PDF) 6 Page - Omron Electronics LLC

Numer części A-20GV2S-B
Szczegółowy opis  Snap Action Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A-20GV2S-B Arkusz danych(HTML) 6 Page - Omron Electronics LLC

  A-20GV2S-B Datasheet HTML 1Page - Omron Electronics LLC A-20GV2S-B Datasheet HTML 2Page - Omron Electronics LLC A-20GV2S-B Datasheet HTML 3Page - Omron Electronics LLC A-20GV2S-B Datasheet HTML 4Page - Omron Electronics LLC A-20GV2S-B Datasheet HTML 5Page - Omron Electronics LLC A-20GV2S-B Datasheet HTML 6Page - Omron Electronics LLC A-20GV2S-B Datasheet HTML 7Page - Omron Electronics LLC A-20GV2S-B Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
24
Snap Action Switch
A
Safety Precautions
Be sure to read the precautions and information common to all Snap Action and Detection Switches, contained in the Technical User’s Guide,
“Snap Action Switches, Technical Information” for correct use.
Precautions for Safe Use
Terminal Connection
When soldering lead wires to the Switch, make sure that the capacity
of the soldering iron is 60 W maximum. Do not take more than 5 s to
solder any part of the Switch. The characteristics of the Switch will
deteriorate if a soldering iron with a capacity of more than 60 W is
applied to any part of the Switch for 5 s or more.
Operation
• Make sure that the switching frequency or speed is within the
specified range.
1. If the switching speed is extremely slow, the contact may not be
switched smoothly, which may result in a contact failure or contact
welding.
2. If the switching speed is extremely fast, switching shock may
damage the Switch soon. If the switching frequency is too high,
the contact may not catch up with the speed.
The rated permissible switching speed and frequency indicate the
switching reliability of the Switch.
The life of a Switch is determined at the specified switching
speed. The life varies with the switching speed and frequency
even when they are within the permissible ranges. In order to
determine the life of a Switch model to be applied to a particular
use, it is best to conduct an appropriate durability test on some
samples of the model under actual conditions.
• Make sure that the actuator travel does not exceed the permissible
OT position. The operating stroke must be set to 70% to 100% of
the rated OT.
Precautions for Correct Use
Mounting Location
• Do not use the switch alone in atmospheres such as flammable or
explosive gases. Arcing and heat generation associated with
switching may cause fires or explosions.
• Switches are generally not constructed with resistance against
water. Use a protective cover to prevent direct spraying if the switch
is used in locations subject to splashing or spurting oil or water,
dust adhering.
• Install the switch in a location that is not directly subject to debris
and dust from cutting. The actuator and the switch body must be
protected from accumulated cutting debris and dirt.
• Do not use the switch in locations subject to hot water (greater than
60
°C) or in water vapor.
• Do not use the switch outside the specified temperature and
atmospheric conditions.
The permissible ambient temperature depends on the model.
(Refer to the specifications in this catalog.) Sudden thermal
changes may cause thermal shock to distort the switch and result
in faults.
• Mount a cover if the switch is to be installed in a location where
worker inattention could result in incorrect operation or accidents.
• Subjecting the switch to continuous vibration or shock may result in
contact failure or faulty operation due to abrasion powder and in
reduced durability. Excessive vibration or shock will cause the
contacts to operate malfunction or become damaged. Mount the
switch in a location that is not subject to vibration or shock and in a
direction that does not subject the switch to resonance.
• If silver contacts are used with relatively low frequency for a long
time or are used with microloads, the sulfide coating produced on
the contact surface will not be broken down and contact faults will
result. Use a microload switch that uses gold contacts.
• Do not use the switch in atmospheres with high humidity or heat or
in harmful gases, such as sulfide gas (H
2S, SO2), ammonia gas
(NH
3), nitric acid gas (HNO3), or chlorine gas (Cl2). Doing so may
impair functionality, such as with damage due to contacting faults or
corrosion.
• The switch includes contacts. If the switch is used in an atmosphere
with silicon gas, arc energy may cause silicon oxide (SiO
2) to
accumulate on the contacts and result in contact failure. If there is
silicon oil, silicon filling, silicon wiring, or other silicon products in
the vicinity of the switch, use a contact protection circuit to limit
arcing and remove the source of the silicon gas.
Panel-mounting model (A-20GQ
@)
• If a Switch is side-mounted with screws, remove the hexagonal nut
of the actuator.
• If a Switch is side-mounted and secured with screws, make sure
that the angle or speed of the actuating object is not excessively
large or too high, otherwise the Switch may be damaged.
• If a Switch is panel-mounted, pay utmost attention to make sure
that the actuating speed or OT distance is not excessively high or
large. Not doing so may damage the Switch.
Terminal box
Terminal box
Incorrect
Correct
Incorrect
Correct
Incorrect
Separate the
installation lo-
cation from
heat sources.
Correct
Correct
(preventing malfunctions)
Incorrect


Podobny numer części - A-20GV2S-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pentair plc. All rights...
A-20 PENTAIR-A-20 Datasheet
193Kb / 2P
   OPAQUE FILTER HOUSING
logo
List of Unclassifed Man...
A-20-LC-7-T ETC1-A-20-LC-7-T Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-20-LC-T2 ETC1-A-20-LC-T2 Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-20-LC-TR ETC1-A-20-LC-TR Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-20-LC-TT ETC1-A-20-LC-TT Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
More results

Podobny opis - A-20GV2S-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com