Zakładka z wyszukiwarką danych komponentów |
|
V-164-1AL5 Arkusz danych(PDF) 1 Page - Omron Electronics LLC |
|
V-164-1AL5 Arkusz danych(HTML) 1 Page - Omron Electronics LLC |
1 / 16 page Snap Action Switch V 121 Snap Action Switch V General Purpose Snap Action Switch • Industry standard design with switching currents of 10A to 21A • Widely used for applications where long life expectancy and high reliability is required. • Choose from a variety of levers, terminals and operating forces. • Right and Left Barrier options are available for the V-21 and V-16 models • Heat resistant versions of the V-15 and V-10 are available. • RoHS Compliant Ordering Information ■ Model Number Legend V - - - - 1. Ratings 21: 21 A at 250 VAC 16: 16 A at 250 VAC 2. Contact Gap None: 1 mm (F gap) G: 0.5 mm (G gap) 15: 15 A at 250 VAC 11: 11 A at 250 VAC 10: 10 A at 250 VAC 4: 100 gf 7. Maximum Operating Force 6: 400 gf 5: 200 gf 8. Special Purpose T: Heat resistive (V-15 and V-10, only) 4. Contact Form 1: SPDT COM Terminal, Bottom position: COM Terminal, Side position: 2: SPST-NC 9. Mounting Hole Size None: 3.1 mm None: Standard K: 2.9 mm 3: SPST-NO 4: SPDT 5: SPST-NC 6: SPST-NO 6. Insulation Barrier None: Without Barrier R: Right-hand barrier L: Left-hand barrier Note: These OF values are for the pin plunger models. 3. Actuator None: Pin plunger 1: Short hinge lever 2: Hinge lever 3: Long hinge lever 4: Simulated roller lever 5: Short hinge roller lever 6: Hinge roller lever 5. Terminals A: Solder terminals C2: Quick-connect terminal (#187) C: Quick-connect terminal (#250) 3 4 5 2 1 7 8 9 6 (Barriers available for V-21 and V-16, only) Note: Consult Omron regarding nominclature combinations and part numbers not found in this datasheet. |
Podobny numer części - V-164-1AL5 |
|
Podobny opis - V-164-1AL5 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |