Zakładka z wyszukiwarką danych komponentów |
|
Z-15GL2 Arkusz danych(PDF) 11 Page - Omron Electronics LLC |
|
Z-15GL2 Arkusz danych(HTML) 11 Page - Omron Electronics LLC |
11 / 18 page General-purpose Basic Switch Z 157 Note: 1. All drawings show the switches with screw terminals. For versions with solder terminals, remove the “-B” from the end of the part number. 2. Unless otherwise specified, all units are in millimeters and a tolerance of ± 0.4 mm applies to all dimensions. 49.2 11.9 25.4±0.1 23.3±0.25 17.45±0.2 OP PT 8.35 dia. 11.9SR *1 *1. Stainless-steel plunger *2. Two hexagonal nuts (2 t × 14 width across flats) *3. Two lock nuts (2 t × 15.6 width across flats) *4. Incomplete screw part with a maximum length of 1.5 mm. *4 16.3 13.1 *2 *3 M12 × 1 mounting screw 16 dia. 9.2 4.36 dia. +0.1 -0.05 4.2 +0.075 -0.025 4.2 dia. hole +0.075 -0.025 Panel Mount Plunger Z-15GQ-B Z-01HQ-B Z-15HQ-B Z-10FQY-B Z-15EQ-B Z-15GQ3-B * Z-15GQ8-B * * The external dimensions of the actuator vary. Note: 1. Do not use the M12 mounting screw and the case mounting hole at the same time, or excessive pulling force will be imposed on the switch and the case and cover may be damaged. 2. On the model Z-15GQ3-B, PT can be set to a value larger than that for the Z-15GQ. 3. On the model Z-15GQ8-B, operating position can be adjust- ed by providing a screw in the plunger section. 4. On the model Z-15GQ8-B, the M3 hole with a depth of 10 mm is a through hole. Take precautions so that no water or screw lock agent penetrates into the hole. Model Z-15GQ-B Z-15HQ-B Z-15EQ-B Z-01HQ-B Z-10FQY-B Z-15GQ3-B Z-15GQ8-B OF RF min. PT max. OT min. MD max. 250 to 350 gf 114 gf 0.4 mm 5.5 mm 0.05 mm 200 to 285 gf 114 gf 0.3 mm 5.5 mm 0.025 mm 625 to 800 gf 114 gf 0.8 mm 5.5 mm 0.13 mm 250 gf max. 80 gf 0.5 mm 5.5 mm 0.05 mm 455 to 740 gf 114 gf 0.8 mm 5.5 mm 0.1 mm 250 to 350 gf 114 gf 4.2 mm 2.5 mm 2.2 mm 250 to 350 gf 114 gf 0.5 mm 5.5 mm 0.05 mm OP 21.8 ±0.8 mm 18.8 ±0.8 mm 32.5 ±1 mm 49.2 11.9 25.4±0.1 23.3±0.25 OP PT *1. Stainless-steel roller *2. Two hexagonal nuts (3 t × 17 width across flats) *3. Incomplete screw part with a maximum length of 1.5 mm. 17.45±0.2 4.36 dia. +0.1 -0.05 *3 16.3 15.5 *2 12.7 dia. × 4.8 *1 16 dia. M12 × 1 mounting screw 9.2 4.2 +0.075 -0.025 4.2 dia. hole +0.075 -0.025 Panel Mount Roller Plunger Z-15GQ22-B Z-15EQ22-B Z-15HQ22-B Z-10FQ22Y-B Model Z-15GQ22-B Z-15HQ22-B Z-15EQ22-B Z-10FQ22Y-B OF RF min. PT max. OT min. MD max. 250 to 350 gf 114 gf 0.4 mm 3.58 mm 0.05 mm 200 to 285 gf 114 gf 0.3 mm 3.58 mm 0.025 mm 625 to 800 gf 114 gf 0.8 mm 3.58 mm 0.13 mm 455 to 740 gf 114 gf 1 mm 3.55 mm 0.1 mm OP 33.4 ±1.2 mm Note: Do not use the M12 mounting screw and the case mounting hole at the same time, or the case may be damaged. 49.2 11.9 25.4±0.1 23.3±0.25 17.45±0.2 OP PT *1. Stainless-steel roller *2. Two hexagonal nuts (3 t × 17 width across flats) *3. Incomplete screw part with a maximum length of 1.5 mm. 4.2 +0.075 -0.025 4.2 dia. hole +0.075 -0.025 4.36 dia. +0.1 -0.05 *3 16.3 15.5 *2 12.7 dia. × 4.8 *1 16 dia. M12 × 1 mounting screw 9.2 Panel Mount Cross Roller Plunger Z-15GQ21-B Z-15EQ21-B Z-15HQ21-B Model Z-15GQ21-B Z-15HQ21-B OF RF min. PT max. OT min. MD max. 250 to 350 gf 114 gf 0.4 mm 3.58 mm 0.05 mm 200 to 285 gf 114 gf 0.3 mm 3.58 mm 0.025 mm OP 33.4 ±1.2 mm Model Z-15EQ21-B OF RF min. PT max. OT min. MD max. 625 to 800 gf 114 gf 0.8 mm 3.58 mm 0.13 mm OP 33.4 ±1.2 mm Note: Do not use the M12 mounting screw and the case mounting hole at the same time, or the case may be damaged. |
Podobny numer części - Z-15GL2 |
|
Podobny opis - Z-15GL2 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |