Zakładka z wyszukiwarką danych komponentów |
|
Z-15GW21-B Arkusz danych(PDF) 2 Page - Omron Electronics LLC |
|
Z-15GW21-B Arkusz danych(HTML) 2 Page - Omron Electronics LLC |
2 / 18 page 148 General-purpose Basic Switch Z ■ Model Number Legend Basic Models Split-contact Models Maintained-contact models Drip-proof with Molded Terminal Models Z - - 3 4 5 2 1 1. Ratings 01: 0.1 A (micro load) 15: 15 A 2. Contact Gap H2: 0.20 mm (extra-high sensitivity) H: 0.25 mm (high-sensitivity, micro load) G: 0.5 mm E: 1.8 mm (high-capacity) 3. Actuator None: Pin plunger S: Slim spring plunger D: Short spring plunger K: Spring plunger (medium OP) K3: Spring plunger (high OP) Q3: Panel mount plunger (low OP) Q: Panel mount plunger (medium OP) Q8: Panel mount plunger (high OP) Q22: Panel mount roller plunger Q21: Panel mount cross roller plunger L: Leaf spring (high OF) L2: Roller leaf spring W21: Short hinge lever W: Hinge lever (low OF) W3: Hinge lever (medium OF) W32: Hinge lever (high OF) W4: Low-force hinge lever W44: Long hinge lever W78: Low-force wire hinge lever (low OF) W52: Low-force wire hinge lever (high OF) W22: Short hinge roller lever W2: Hinge roller lever W25: Hinge roller lever (large roller) W49: Short hinge cross roller lever W54: Hinge cross roller lever W2277: Unidirectional short hinge roller lever (low OF) M: Reverse hinge lever M22: Reverse short hinge roller lever M2: Reverse hinge roller lever NJ: Flexible rod (high OF) NJS: Flexible rod (low OF) 4. Degree of Protection None: General-purpose 55: Drip-proof A55: Drip-proof (including terminals) 5. Terminals None: Solder terminal B: Screw terminal (with toothed washer) B5V: Screw terminal with terminal cover (for Z-15G @A55 only) Z - 10 F Y - B 3 4 5 2 1 1. Ratings 10: 10 A (split-contact models) 2. Contact Gap F: 1 mm (high-capacity) 3. Actuator None: Pin plunger S: Slim spring plunger D: Short spring plunger Q: Panel mount plunger Q22: Panel mount roller plunger W: Hinge lever W22: Short hinge roller lever W2: Hinge roller lever M22: Reverse short hinge roller lever 4. Construction Y: Split-contact type 5. Terminals None: Solder terminal B: Screw terminal (with toothed washer) Z - 15 E R 3 4 2 1 1. Ratings 15: 15 A 2. Contact Gap E: 1.8 mm (high-capacity) 3. Actuator None: Pin plunger S: Slim spring plunger W: Hinge lever 4. Construction R: Maintained-contact models Z - 55 - M M 2 3 4 1 1. Drip-proof model (Insert model number of basic, drip-proof version with solder terminals) 2. Lead Outlets None: VSF E: VCT 3. Direction of Lead Outlets L: Left R: Right D: Descending 4. Length of Leads 1: 1 m 3: 3 m L type D type R type |
Podobny numer części - Z-15GW21-B |
|
Podobny opis - Z-15GW21-B |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |