Zakładka z wyszukiwarką danych komponentów |
|
Z-15GW Arkusz danych(PDF) 3 Page - Omron Electronics LLC |
|
Z-15GW Arkusz danych(HTML) 3 Page - Omron Electronics LLC |
3 / 18 page General-purpose Basic Switch Z 149 Ordering Information Basic Models (General-purpose) Actuator Classification Standard High-sensitivity Extra-high sensitivity High-capacity Micro load Contact gap G (0.5 mm) H (0.25 mm) H2 (0.20 mm) E (1.8 mm) H (0.25 mm) Terminal *1 Model Model Model Model Model Pin plunger Z-15G Z-15H Z-15H2 Z-15E Z-01H Z-15G-B Z-15H-B Z-15H2-B Z-15E-B Z-01H-B Slim spring plunger Z-15GS Z-15HS --- --- Z-01HS Z-15GS-B Z-15HS-B Z-01HS-B Short spring plunger Z-15GD Z-15HD --- Z-15ED Z-01HD Z-15GD-B Z-15HD-B Z-15ED-B Z-01HD-B Panel mount plunger Low OP Z-15GQ3 --- --- --- --- Z-15GQ3-B Medium OP Z-15GQ Z-15HQ Z-15EQ Z-01HQ Z-15GQ-B Z-15HQ-B Z-15EQ-B Z-01HQ-B High OP Z-15GQ8 --- --- --- Z-15GQ8-B Panel mount roller plunger Z-15GQ22 Z-15HQ22 --- Z-15EQ22 --- Z-15GQ22-B Z-15HQ22-B Z-15EQ22-B Panel mount cross roller plunger Z-15GQ21 Z-15HQ21 --- Z-15EQ21 --- Z-15GQ21-B Z-15HQ21-B Z-15EQ21-B Leaf spring Z-15GL --- --- --- --- Z-15GL-B Roller leaf spring Z-15GL2 --- --- --- --- Z-15GL2-B Short hinge lever Z-15GW21 --- --- --- --- Z-15GW21-B Hinge lever Low OP Z-15GW Z-15HW --- --- --- Z-15GW-B Z-15HW-B Medium OP Z-15GW3 --- Z-15GW3-B High OP Z-15GW32 Z-15GW32-B Low-force hinge lever Z-15GW4 Z-15HW24 --- --- --- Z-15GW4-B Z-15HW24-B Low- force wire hinge lever Low OP --- Z-15HW78 --- --- --- Z-15HW78-B High OP Z-15HW52 Z-15HW52-B Short hinge roller lever Z-15GW22 Z-15HW22 --- Z-15EW22 Z-01HW22 Z-15GW22-B Z-15HW22-B Z-15EW22-B Z-01HW22-B Short hinge cross roller lever Z-15GW49 --- --- --- --- Z-15GW49-B Hinge roller lever Standard Z-15GW2 Z-15HW2 --- --- --- Z-15GW2-B Z-15HW2-B Large roller Z-15GW25 --- --- --- Z-15GW25-B |
Podobny numer części - Z-15GW |
|
Podobny opis - Z-15GW |