Zakładka z wyszukiwarką danych komponentów |
|
Z-15GW3-B Arkusz danych(PDF) 8 Page - Omron Electronics LLC |
|
Z-15GW3-B Arkusz danych(HTML) 8 Page - Omron Electronics LLC |
8 / 18 page 154 General-purpose Basic Switch Z Engineering Data ■ Mechanical Durability (Z-15G) ■ Electrical Durability (Z-15G) ■ Structure Basic Models Contact Form (SPDT) Note: The Z-15GM is a reversible model and the NO and NC positions are reversed. Molded Terminals Note: The Z-15GM is a reversible model and the NO and NC positions are reversed. Drip-proof Construction Without Terminal Protective Cover With Terminal Protective Cover Split-Contact Models Contact Form Note: The NO and NC terminal arrangement is reversed for Models with reverse operation (Z-10FM). Connection Example Maintained-contact Models Contact Form 500 1,000 300 100 5,000 10,000 3,000 0.2 0.1 0.4 0.6 0.8 0.3 0.5 0.7 Overtravel (mm) 0 Ambient temperature: 20 ±2°C Ambient humidity: 65 ±5%RH Without load Operating frequency: 240 operations/min 50 100 30 10 500 1,000 300 5,000 3,000 4 2 8 12 16 610 14 Switching Current (A) 0 Ambient temperature: 20 ±2°C Ambient humidity: 65 ±5%RH Operating frequency: 20 operations/min. 125 VAC cos dia. = 1 125 VAC cos dia. = 0.4 250 VAC cos dia. = 1 250 VAC cos dia. = 0.4 500 VAC cos dia. = 0.4 500 VAC cos dia. = 1 COM NC NO COM (Black) (Red) NC (White) NO ( ) indicates wire color. Rubber boot Fixed contact (b) Movable spring Glued surface (adhesive is filled between case and cover) Movable contact Fixed contact (a) Spring pivot Rubber boot (weather-resistive chloroprene is used) Stainless-steel stopper (improves sealing) Rubber packing (improves sealing between switch housing and terminal cover) Terminal protective covers are sold separately for maintenance purposes, which can be, how- ever, used with the Z- @-B5V models only. NC NO COM NC NO Series Connection Parallel Connection Pushbutton for resetting COM NC NO |
Podobny numer części - Z-15GW3-B |
|
Podobny opis - Z-15GW3-B |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |